Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74CBT3257 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HD74CBT3257
Description  4-bit 1-of-2 FET Multiplexer / Demultiplexer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74CBT3257 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HD74CBT3257 Datasheet HTML 5Page - Renesas Technology Corp HD74CBT3257 Datasheet HTML 6Page - Renesas Technology Corp HD74CBT3257 Datasheet HTML 7Page - Renesas Technology Corp HD74CBT3257 Datasheet HTML 8Page - Renesas Technology Corp HD74CBT3257 Datasheet HTML 9Page - Renesas Technology Corp HD74CBT3257 Datasheet HTML 10Page - Renesas Technology Corp HD74CBT3257 Datasheet HTML 11Page - Renesas Technology Corp HD74CBT3257 Datasheet HTML 12Page - Renesas Technology Corp HD74CBT3257 Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
HD74CBT3257
Rev.2, Nov. 2001, page 8 of 11
Waveforms – 1
Input
10 %
1.5 V
1.5 V
90 %
t r
90 %
3 V
GND
10 %
t f
Output
1.5 V
1.5 V
t PLH
V
t PHL
OH
VOL
Waveforms – 2
Waveform - B
Notes: 1. All input pulses are supplied by generators having the following characteristics :
PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
2. Waveform - A is for an output with internal conditions such that the output is low except
when disabled by the output control.
3. Waveform - B is for an output with internal conditions such that the output is high except
when disabled by the output control.
4. The output are measured one at a time with one transition per measurement.
Waveform - A
VOH
VOL
V
+ 0.3 V
OL
V
- 0.3 V
OH
Output
Control
10 %
10 %
1.5 V
1.5 V
90 %
t f
90 %
3 V
3.5 V
GND
GND
t r
1.5 V
1.5 V
t HZ
t LZ
t ZH
t ZL


Similar Part No. - HD74CBT3257

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74CBT3257 HITACHI-HD74CBT3257 Datasheet
102Kb / 11P
   4-bit 1-of-2 FET Multiplexer / Demultiplexer
More results

Similar Description - HD74CBT3257

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74CBT3257C UTC-U74CBT3257C Datasheet
195Kb / 6P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
U74CBT3257 UTC-U74CBT3257 Datasheet
201Kb / 6P
   4-BIT 1-OF-2 FET MULTIPLEXER/ DEMULTIPLEXER
U74CBT3257C UTC-U74CBT3257C_15 Datasheet
224Kb / 5P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
logo
Texas Instruments
SN74CB3T3257 TI1-SN74CB3T3257_15 Datasheet
547Kb / 16P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBT3257 TI-SN74CBT3257 Datasheet
361Kb / 12P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
SN74CB3Q3257 TI-SN74CB3Q3257 Datasheet
336Kb / 13P
[Old version datasheet]   4 BIT 1 OF 2 FET MULTIPLEXER/ DEMULTIPLEXER
SN74CBT3257 TI-SN74CBT3257_09 Datasheet
656Kb / 16P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74CBT3257 UTC-U74CBT3257_15 Datasheet
201Kb / 5P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
logo
Hitachi Semiconductor
HD74CBT3257 HITACHI-HD74CBT3257 Datasheet
102Kb / 11P
   4-bit 1-of-2 FET Multiplexer / Demultiplexer
logo
Texas Instruments
SN74CBT16233 TI-SN74CBT16233_06 Datasheet
155Kb / 9P
[Old version datasheet]   16-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com