Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC1G14CME Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD74HC1G14CME
Description  Inverter with Schmitt-trigger Input
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC1G14CME Datasheet(HTML) 6 Page - Renesas Technology Corp

  HD74HC1G14CME Datasheet HTML 1Page - Renesas Technology Corp HD74HC1G14CME Datasheet HTML 2Page - Renesas Technology Corp HD74HC1G14CME Datasheet HTML 3Page - Renesas Technology Corp HD74HC1G14CME Datasheet HTML 4Page - Renesas Technology Corp HD74HC1G14CME Datasheet HTML 5Page - Renesas Technology Corp HD74HC1G14CME Datasheet HTML 6Page - Renesas Technology Corp HD74HC1G14CME Datasheet HTML 7Page - Renesas Technology Corp HD74HC1G14CME Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
HD74HC1G14
Rev.6.00, Jan.27.2004, page 6 of 7
Test Circuit
Pulse
generator
50
C
L
Input
Output
VCC
Note: 1. C includes probe and jig capacitance.
L
Input
Output
90%
50%
10%
tTHL
tTLH
90%
50%
10%
tPHL
tPLH
VCC
GND
VOH
VOL
90%
50%
10%
90%
50%
10%
• Waveforms
r
t = 6 ns
f
t = 6 ns


Similar Part No. - HD74HC1G14CME

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC1G14 HITACHI-HD74HC1G14 Datasheet
231Kb / 9P
   Inverter with Schmitt-trigger Input
More results

Similar Description - HD74HC1G14CME

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC1G14 ONSEMI-MC74HC1G14 Datasheet
79Kb / 6P
   Inverter with Schmitt-Trigger Input
August, 2005 ??Rev. 10
logo
Hitachi Semiconductor
J205293_HD74HC1G14 HITACHI-J205293_HD74HC1G14 Datasheet
231Kb / 9P
   Inverter with Schmitt-trigger Input
HD74LV1G14A HITACHI-HD74LV1G14A Datasheet
54Kb / 9P
   Inverter with Schmitt-trigger Input
logo
Renesas Technology Corp
HD74LV1GT14A RENESAS-HD74LV1GT14A_15 Datasheet
139Kb / 9P
   Inverter with Schmitt-trigger Input /
HD74HCT1G14 RENESAS-HD74HCT1G14 Datasheet
55Kb / 8P
   Inverter with Schmitt-trigger Input
logo
ON Semiconductor
NC7SZ14 ONSEMI-NC7SZ14 Datasheet
592Kb / 10P
   UHS Inverter with Schmitt Trigger Input
October-2017, Rev. 2
MC74HC1G14 ONSEMI-MC74HC1G14_18 Datasheet
172Kb / 9P
   Single Inverter with Schmitt-Trigger Input
November, 2018 ??Rev. 13
logo
Fairchild Semiconductor
74ACT14 FAIRCHILD-74ACT14_11 Datasheet
240Kb / 10P
   Hex Inverter with Schmitt Trigger Input
DM7414 FAIRCHILD-DM7414 Datasheet
35Kb / 3P
   Hex Inverter with Schmitt Trigger Input
logo
ON Semiconductor
74AC14 ONSEMI-74AC14 Datasheet
309Kb / 11P
   Hex Inverter with Schmitt Trigger Input
February 2011 Rev. 1.7.2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com