Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M16C6K7 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M16C6K7
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  285 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C6K7 Datasheet(HTML) 4 Page - Renesas Technology Corp

  M16C6K7 Datasheet HTML 1Page - Renesas Technology Corp M16C6K7 Datasheet HTML 2Page - Renesas Technology Corp M16C6K7 Datasheet HTML 3Page - Renesas Technology Corp M16C6K7 Datasheet HTML 4Page - Renesas Technology Corp M16C6K7 Datasheet HTML 5Page - Renesas Technology Corp M16C6K7 Datasheet HTML 6Page - Renesas Technology Corp M16C6K7 Datasheet HTML 7Page - Renesas Technology Corp M16C6K7 Datasheet HTML 8Page - Renesas Technology Corp M16C6K7 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 285 page
background image
Mitsubishi microcomputers
M16C / 6K7 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Description
3
Rev.1.0
The differences in M16C/6K (144-pin) group
144-pin
NEW DINOR
Flash memory
User ROM area
Address 0E800016 - 0F5FFF16
Address 0FE00016 - 0FFFFF16
Boot ROM area
In parallel I/O mode
Address 0FE00016 - 0FFFFF16
In CPU reprogram mode & standard
serial I/O mode
Address 0DE00016 - 0DFFFF16
Flash memory control register
After reset XXXX00012
Flash memory recognition register
After reset 000000002
Vcc 3.0 - 3.6V
M2 pin 4.5 - 5.25V
The input pin of power supply for
program/erase
128
Port 0 - Port 16 without P84
3.3V/5V
Exist
Exist
Not exist
144-pin
NEW DINOR
Flash memory
User ROM area
Address 0EF00016 - 0FFFFF16
Boot ROM area
Address 0FF00016 - 0FFFFF16
Flash memory recognition register
After reset 000000002
Flash memory control register
After reset XX0000012
Vcc 3.0 - 3.6V
Not exist
129
Port 0 - Port 16
3.3V
Not exist
Exist
Exist
Pin numbers
ROM
Built-in ROM area
Address 03B416
Address 03B716
After reset 000000002
The power supply
for program/erase
M2 pin
Programmable I/O
The I/O voltage in P2, P3
Programmable I/O ports
ISA bus interface
Serial interrupt output
& LPC bus interface
Timer B TB2IN
Type name
M306K5F8LRP
M306K7F8LRP
Note 1: Timer B TB2IN refers to the count source input and pulse period measurement in event count
mode/ pulse input in pulse width measurement mode.


Similar Part No. - M16C6K7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M16C6K9 RENESAS-M16C6K9 Datasheet
2Mb / 292P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C6K9 RENESAS-M16C6K9_15 Datasheet
2Mb / 294P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER Description
M16C6KA RENESAS-M16C6KA_15 Datasheet
2Mb / 270P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER Description
More results

Similar Description - M16C6K7

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com