Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M30623S4 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # M30623S4
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30623S4 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button M30623S4 Datasheet HTML 5Page - Renesas Technology Corp M30623S4 Datasheet HTML 6Page - Renesas Technology Corp M30623S4 Datasheet HTML 7Page - Renesas Technology Corp M30623S4 Datasheet HTML 8Page - Renesas Technology Corp M30623S4 Datasheet HTML 9Page - Renesas Technology Corp M30623S4 Datasheet HTML 10Page - Renesas Technology Corp M30623S4 Datasheet HTML 11Page - Renesas Technology Corp M30623S4 Datasheet HTML 12Page - Renesas Technology Corp M30623S4 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 231 page
background image
Pin Description
Mitsubishi microcomputers
M16C / 62 Group (80-pin)
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
8
VCC, VSS
CNVSS
XIN
XOUT
(BYTE)
AVCC
AVSS
VREF
P00 to P07
P20 to P27
P30 to P37
P40 to P43
Signal name
Power supply
input
CNVSS
Reset input
Clock input
Clock output
External data
bus width
select input
Analog power
supply input
Reference
voltage input
I/O port P0
I/O port P2
I/O port P3
I/O port P4
Supply 2.7 to 5.5 V to the VCC pin. Supply 0 V to the VSS pin.
Function
This pin switches between processor modes. Connect it to the
VSS pin.
A “L” on this input resets the microcomputer.
These pins are provided for the main clock generating circuit.Connect
a ceramic resonator or crystal between the XIN and the XOUT pins. To
use an externally derived clock, input it to the XIN pin and leave the
XOUT pin open.
This pin is connected to CNVss in microcomputer. Connect this pin to
VSS.
This pin is a power supply input for the A-D converter. Connect this
pin to VCC.
This pin is a power supply input for the A-D converter. Connect this
pin to VSS.
This pin is a reference voltage input for the A-D converter.
This is an 8-bit CMOS I/O port. It has an input/output port direction
register that allows the user to set each pin for input or output
individually. When set for input, the user can specify in units of four
bits via software whether or not they are tied to a pull-up resistor.
This is an 8-bit I/O port equivalent to P0.
This is an 8-bit I/O port equivalent to P0.
This is an 4-bit I/O port equivalent to P0.
Pin name
I
I
I
O
I
I
I/O
I/O
I/O
Analog power
supply input
I/O
I/O
RESET
I/O port P5
I/O
I/O
I/O
I/O
I/O
I
I/O port P6
I/O port P7
I/O port P8
I/O port P85
P50 to P57
P60 to P67
P70, P71,
P76, P77
P80 to P84,
P86,P87,
P85
This is an 8-bit I/O port equivalent to P0. In single-chip mode, P57 in
this port outputs a divide-by-8 or divide-by-32 clock of XIN or a clock of
the same frequency as XCIN as selected by software.
This is an 8-bit I/O port equivalent to P0. Pins in this port also function
as UART0 and UART1 I/O pins as selected by software.
This is an 4-bit I/O port equivalent to P0 (P70 and P71 are N channel
open-drain output). Pins in this port also function as timer A0–A3,
timer B5 or UART2 I/O pins as selected by software.
P80 to P84, P86, and P87 are I/O ports with the same functions as P0.
Using software, they can be made to function as the I/O pins for timer
A4 and the input pins for external interrupts.
P86 and P87 can be set using software to function as the I/O pins for a
sub clock generation circuit. In this case, connect a quartz oscillator
between P86 (XCOUT pin) and P87 (XCIN pin).
P85 is an input-only port that also functions for NMI. The NMI interrupt
is generated when the input at this pin changes from “H” to “L”. The
NMI function cannot be cancelled using software. The pull-up cannot be
set for this pin.
Pin Description


Similar Part No. - M30623S4

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M30623ECTGP MITSUBISHI-M30623ECTGP Datasheet
1Mb / 184P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30623ECVGP MITSUBISHI-M30623ECVGP Datasheet
1Mb / 184P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M30623F4 RENESAS-M30623F4 Datasheet
3Mb / 242P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30623F8 RENESAS-M30623F8 Datasheet
3Mb / 242P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30623F8PGP RENESAS-M30623F8PGP Datasheet
831Kb / 87P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results

Similar Description - M30623S4

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com