Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3822 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 3822
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3822 Datasheet(HTML) 3 Page - Renesas Technology Corp

  3822 Datasheet HTML 1Page - Renesas Technology Corp 3822 Datasheet HTML 2Page - Renesas Technology Corp 3822 Datasheet HTML 3Page - Renesas Technology Corp 3822 Datasheet HTML 4Page - Renesas Technology Corp 3822 Datasheet HTML 5Page - Renesas Technology Corp 3822 Datasheet HTML 6Page - Renesas Technology Corp 3822 Datasheet HTML 7Page - Renesas Technology Corp 3822 Datasheet HTML 8Page - Renesas Technology Corp 3822 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 59 page
background image
FUNCTIONAL BLOCK DIAGRAM (Package type : 80P6Q-A)
CNTR0,CNTR1
TOUT
RTP0,RTP1
Data bus
C P U
A
X
Y
S
PCH
PCL
PS
RESETVCC
VSS
Reset Input( 5 V )
( 0 V )
R O M
R A M
LCD display
RAM
(16 bytes)
25
7130
I/O Port P5
P4(8)
I/O Port P4
I/O Port P2
P2(8)
I/O Port P0
P0(8)
I/O Port P1
P1(8)
P6(8)
Input Port P3
P3(4)
I/O Port P6
P5(8)
I/O Port P7
P7(2)
80
79
78
77
76
75
74
70
69
68
67
66
65
64
63
62
61
60
59
47 48 49 50 51 525354
3940414243444546
3132333435363738
55565758
192021222324
1718
2627
123 456
78
73
72
10111213141516
9
Clock generating
circuit
Main Clock
Input XIN
Main Clock
Output XOUT
XCOUT
Sub-Clock
Output
XCIN
Sub-Clock
Input
SI/O(8)
VREF
AVSS
( 0 V )
A-D
converter(8)
Timer X(16)
Timer Y(16)
Timer 1(8)Timer 2(8)
Timer 3(8)
LCD
drive control
circuit
VL1
VL2
VL3
COM0
COM1
COM2
COM3
SEG0
SEG1
SEG2
SEG3
SEG4
SEG5
SEG6
SEG7
SEG8
SEG9
SEG10
SEG11
φ
XCIN
XCOUT
28
29


Similar Part No. - 3822

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
3822 RENESAS-3822 Datasheet
2Mb / 328P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
American Electronic Com...
3822 AEC-3822 Datasheet
178Kb / 1P
   Tilt Switch - Mercury
logo
Heyco.
3822 HEYCO-3822 Datasheet
85Kb / 1P
   Tension Wire Clips - Vinyl U Style
logo
Extech Instruments Corp...
382200 EXTECH-382200 Datasheet
151Kb / 4P
   DC Regulated Power Supplies
382202 EXTECH-382202 Datasheet
151Kb / 4P
   DC Regulated Power Supplies
More results

Similar Description - 3822

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com