Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH8L06FP Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH8L06FP
Description  TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH8L06FP Datasheet(HTML) 3 Page - STMicroelectronics

  STTH8L06FP Datasheet HTML 1Page - STMicroelectronics STTH8L06FP Datasheet HTML 2Page - STMicroelectronics STTH8L06FP Datasheet HTML 3Page - STMicroelectronics STTH8L06FP Datasheet HTML 4Page - STMicroelectronics STTH8L06FP Datasheet HTML 5Page - STMicroelectronics STTH8L06FP Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
STTH8L06D/FP
3/6
0
1
2
3
4
5
6
7
8
9
10
11
02468
10
IF(av)(A)
P(W)
δ = 0.05 δ = 0.1 δ = 0.2
δ = 0.5
δ = 1
T
δ=tp/T
tp
Fig. 1: Conduction losses versus average current.
0.1
1.0
10.0
100.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VFM(V)
Tj=25°C
(Maximum values)
Tj=150°C
(Maximum values)
Tj=150°C
(Maximum values)
Tj=150°C
(Typical values)
Tj=150°C
(Typical values)
IFM(A)
Fig. 2: Forward voltage drop versus forward
current
.
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
tp(s)
T
δ=tp/T
tp
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
Zth(j-c)/Rth(j-c)
Fig. 3-2: Relative variation of thermal impedance
junction
to
case
versus
pulse
duration
(TO-220FPAC)
0
100
200
300
400
500
600
700
800
900
1000
0
20
40
60
80
100
120
140
160
180
200
dIF/dt(A/µs)
VR=400V
Tj=125°C
IF=IF(av)
IF=IF(av)
IF=0.5 x IF(av)
IF=0.5 x IF(av)
IF=2 x IF(av)
IF=2 x IF(av)
trr(ns)
Fig. 5:
Reverse recovery time versus dIF/dt
(90% confidence).
0
1
2
3
4
5
6
7
8
9
10
0
10
20304050
607080
90
100
dIF/dt(A/µs)
VR=400V
Tj=125°C
IF=2 x IF(av)
IF=2 x IF(av)
IF=0.5 x IF(av)
IF=0.5 x IF(av)
IF=IF(av)
IF=IF(av)
IF=0.25 x IF(av)
IF=0.25 x IF(av)
IRM(A)
Fig. 4: Peak reverse recovery current versus dIF/dt
(90% confidence).
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
tp(s)
Zth(j-c)/Rth(j-c)
T
δ=tp/T
tp
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
Fig. 3-1: Relative variation of thermal impedance
junction to case versus pulse duration (TO-220AC)


Similar Part No. - STTH8L06FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH8L06FP STMICROELECTRONICS-STTH8L06FP Datasheet
156Kb / 10P
   Turbo 2 ultrafast high voltage rectifier
logo
Inchange Semiconductor ...
STTH8L06FP ISC-STTH8L06FP Datasheet
280Kb / 2P
   Ultrafast Recovery Rectifier
More results

Similar Description - STTH8L06FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH60L06 STMICROELECTRONICS-STTH60L06 Datasheet
71Kb / 6P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
STTH1L06 STMICROELECTRONICS-STTH1L06 Datasheet
81Kb / 8P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
STTH5R06D STMICROELECTRONICS-STTH5R06D Datasheet
135Kb / 8P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
October 2002 - Ed: 3B
STTH506 STMICROELECTRONICS-STTH506 Datasheet
128Kb / 9P
   Turbo 2 ultrafast - high voltage rectifier
STTH8R06 STMICROELECTRONICS-STTH8R06 Datasheet
173Kb / 12P
   Turbo 2 ultrafast high voltage rectifier
STTH8S06 STMICROELECTRONICS-STTH8S06 Datasheet
100Kb / 8P
   Turbo 2 ultrafast high voltage rectifier
STTH8L06 STMICROELECTRONICS-STTH8L06_06 Datasheet
156Kb / 10P
   Turbo 2 ultrafast high voltage rectifier
STTH8006 STMICROELECTRONICS-STTH8006 Datasheet
88Kb / 6P
   Turbo 2 ultrafast high voltage rectifier
STTH8R06 STMICROELECTRONICS-STTH8R06_08 Datasheet
172Kb / 12P
   Turbo 2 ultrafast high voltage rectifier
STTH50W06S STMICROELECTRONICS-STTH50W06S Datasheet
87Kb / 8P
   Turbo 2 ultrafast high voltage rectifier
STTH6006W STMICROELECTRONICS-STTH6006W Datasheet
99Kb / 7P
   Turbo 2 ultrafast - high voltage rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com