Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3851 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # 3851
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3851 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button 3851 Datasheet HTML 6Page - Renesas Technology Corp 3851 Datasheet HTML 7Page - Renesas Technology Corp 3851 Datasheet HTML 8Page - Renesas Technology Corp 3851 Datasheet HTML 9Page - Renesas Technology Corp 3851 Datasheet HTML 10Page - Renesas Technology Corp 3851 Datasheet HTML 11Page - Renesas Technology Corp 3851 Datasheet HTML 12Page - Renesas Technology Corp 3851 Datasheet HTML 13Page - Renesas Technology Corp 3851 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
9
3851 Group
(Built-in 16 KB ROM)
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
Fig. 7 Port block diagram (1)
(1) Ports P0, P1
Direction
register
Data bus
Port latch
(2) Port P20
Port XC switch bit
Oscillator
Port P21
Data bus
Port latch
Direction
register
Port XC switch bit
(3) Port P21
Port XC switch bit
Data bus
Port latch
Direction
register
Sub-clock generating circuit input
(4) Port P22
Data bus
Port latch
Direction
register
SDA output
I C-BUS interface enable bit
SDA/SCL pin selection bit
SDA input
2
(5) Port P23
Data bus
Port latch
Direction
register
SCL output
I C-BUS interface enable bit
SDA/SCL pin selection bit
SCL input
2
(6) Port P24
Data bus
Port latch
Direction
register
SDA output
Serial I/O enable bit
Receive enable bit
I C-BUS interface enable bit
SDA/SCL pin selection bit
2
SDA input
Serial I/O input
(7) Port P25
Data bus
Port latch
Direction
register
SCL output
I C bus interface enable bit
SDA/SCL pin selection bit
Serial I/O enable bit
Transmit enable bit
2
SCL input
Serial I/O output
P-channel output disable bit
(8) Port P26
Data bus
Port latch
Direction
register
Serial clock output
Serial I/O mode selection bit
Serial I/O enable bit
Serial I/O enable bit
Serial I/O clock selection bit
External clock input


Similar Part No. - 3851

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
3851 RENESAS-3851 Datasheet
1Mb / 91P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3851 RENESAS-3851 Datasheet
1Mb / 261P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Lumberg
3851 LUMBERG-3851 Datasheet
84Kb / 2P
   Multimodul??Steckverbinder, Raster 2,5 mm
3851 LUMBERG-3851 Datasheet
303Kb / 4P
   Multimodul connectors, pitch 2.5 mm
logo
Bourns Electronic Solut...
3851 BOURNS-3851 Datasheet
645Kb / 6P
   3/4 ˝ Diameter Panel Control
Mar 31, 2015
More results

Similar Description - 3851

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com