Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB566 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SB566
Description  Silicon PNP Triple Diffused
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SB566 Datasheet(HTML) 6 Page - Renesas Technology Corp

  2SB566 Datasheet HTML 1Page - Renesas Technology Corp 2SB566 Datasheet HTML 2Page - Renesas Technology Corp 2SB566 Datasheet HTML 3Page - Renesas Technology Corp 2SB566 Datasheet HTML 4Page - Renesas Technology Corp 2SB566 Datasheet HTML 5Page - Renesas Technology Corp 2SB566 Datasheet HTML 6Page - Renesas Technology Corp 2SB566 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
2SB566(K), 2SB566A(K)
4
1,000
–0.01
TC = 75°C
500
200
100
50
20
10
5
VCE = –4V
–25
°C
–0.02 –0.05 –0.1 –0.2
–2
–1.0
–0.5
–5
25
°C
DC Current Transfer Ratio
vs. Collector Current
Collector current IC (A)
–1.4
–0.01
–1.2
–1.0
–0.8
–0.6
–0.4
–0.2
–0.02 –0.05 –0.1 –0.2 –0.5 –1.0 –2
–5
0
25
°C
TC = 75°C
–25
°C
IC = 10 IB
Collector to Emitter Saturation Voltage
vs. Collector Current
Collector current IC (A)


Similar Part No. - 2SB566

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SB566 HITACHI-2SB566 Datasheet
33Kb / 6P
   Silicon PNP Triple Diffused
logo
List of Unclassifed Man...
2SB566 ETC1-2SB566 Datasheet
55Kb / 2P
   Power Bipolar Transistors
logo
Savantic, Inc.
2SB566 SAVANTIC-2SB566 Datasheet
128Kb / 4P
   Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SB566 JMNIC-2SB566 Datasheet
263Kb / 4P
   Silicon PNP Power Transistors
logo
Savantic, Inc.
2SB566 SAVANTIC-2SB566 Datasheet
130Kb / 4P
   Silicon PNP Power Transistors
More results

Similar Description - 2SB566

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SB859 HITACHI-2SB859 Datasheet
32Kb / 5P
   Silicon PNP Triple Diffused
2SB955 HITACHI-2SB955 Datasheet
35Kb / 6P
   Silicon PNP Triple Diffused
logo
List of Unclassifed Man...
2SA755 ETC-2SA755 Datasheet
40Kb / 1P
   SILICON PNP TRIPLE DIFFUSED
logo
Hitachi Semiconductor
2SB1032 HITACHI-2SB1032 Datasheet
36Kb / 6P
   Silicon PNP Triple Diffused
2SB1091 HITACHI-2SB1091 Datasheet
35Kb / 6P
   Silicon PNP Triple Diffused
2SB1399 HITACHI-2SB1399 Datasheet
36Kb / 6P
   Silicon PNP Triple Diffused
2SB1494 HITACHI-2SB1494 Datasheet
35Kb / 6P
   Silicon PNP Triple Diffused
logo
Renesas Technology Corp
2SB1530 RENESAS-2SB1530 Datasheet
147Kb / 7P
   Silicon PNP Triple Diffused
logo
Hitachi Semiconductor
2SB1389 HITACHI-2SB1389 Datasheet
35Kb / 6P
   Silicon PNP Triple Diffused
2SB566 HITACHI-2SB566 Datasheet
33Kb / 6P
   Silicon PNP Triple Diffused
2SB1079 HITACHI-2SB1079 Datasheet
36Kb / 6P
   Silicon PNP Triple Diffused
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com