Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M16623FC Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # M16623FC
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16623FC Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button M16623FC Datasheet HTML 6Page - Renesas Technology Corp M16623FC Datasheet HTML 7Page - Renesas Technology Corp M16623FC Datasheet HTML 8Page - Renesas Technology Corp M16623FC Datasheet HTML 9Page - Renesas Technology Corp M16623FC Datasheet HTML 10Page - Renesas Technology Corp M16623FC Datasheet HTML 11Page - Renesas Technology Corp M16623FC Datasheet HTML 12Page - Renesas Technology Corp M16623FC Datasheet HTML 13Page - Renesas Technology Corp M16623FC Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 242 page
background image
Pin Description
Mitsubishi microcomputers
M16C / 62A Group (80-pin)
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
9
Pin Description
Signal name
Function
Pin name
I/O
I/O
I/O
I/O port P9
I/O port P10
P90,
P92 to P97
P100 to P107
This is an 7-bit I/O port equivalent to P0. Pins in this port also function
as SI/O3, 4 I/O pins, Timer B0–B4 input pins, D-A converter output
pins, A-D converter extended input pins, or A-D trigger input pins as
selected by software.
This is an 8-bit I/O port equivalent to P0. Pins in this port also function
as A-D converter input pins. Furthermore, P104–P107 also function as
input pins for the key input interrupt function.
Note: Memory expansion mode and microprocessor mode are not be supported.


Similar Part No. - M16623FC

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
M166 SIEMENS-M166 Datasheet
373Kb / 127P
   C16x Family of Siemens 16-Bit CMOS Single-Chip Microcontrollers
logo
Sanken electric
M1661P SANKEN-M1661P Datasheet
31Kb / 1P
   TO-3P 16A Triac
logo
MTRONPTI
M166FAN MTRONPTI-M166FAN Datasheet
274Kb / 2P
   5x7 mm, 5.0 Volt, HCMOS/TTL, Clock Oscillator
M166FCN MTRONPTI-M166FCN Datasheet
274Kb / 2P
   5x7 mm, 5.0 Volt, HCMOS/TTL, Clock Oscillator
M166FGN MTRONPTI-M166FGN Datasheet
274Kb / 2P
   5x7 mm, 5.0 Volt, HCMOS/TTL, Clock Oscillator
More results

Similar Description - M16623FC

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com