Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB860 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SB860
Description  Silicon PNP Triple Diffused
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SB860 Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SB860 Datasheet HTML 1Page - Renesas Technology Corp 2SB860 Datasheet HTML 2Page - Renesas Technology Corp 2SB860 Datasheet HTML 3Page - Renesas Technology Corp 2SB860 Datasheet HTML 4Page - Renesas Technology Corp 2SB860 Datasheet HTML 5Page - Renesas Technology Corp 2SB860 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SB860
3
Typical Output Characteristics
TC = 25°C
–1.0
–0.8
–0.6
–0.4
–0.2
0–2
–4
Collector to emitter voltage VCE (V)
–6
–8
–10
IB = –2 mA
–4
–6
–8
–10
DC Current Transfer Ratio vs.
Collector Current
VCE = –5 V
TC = 75°C
25
–25
1,000
500
200
100
50
20
10
–0.01
–0.1
–1.0
–10
–0.03
–0.3
Collector current IC (A)
–3
Collector to Emitter Saturation
Voltage vs. Collector Current
IC = 10 IB
TC = 75°C
25
–25
–10
–3
–1.0
–0.3
–0.1
–0.03
–0.01
–0.01
–0.1
–1.0
–10
–0.03
–0.3
Collector current IC (A)
–3
Base to Emitter Saturation Voltage
vs. Collector Current
IC = 10 IB
–1.5
–1.0
–0.5
0
–0.01
–0.1
–1.0
–10
–0.03
–0.3
Collector current IC (A)
–3
TC =
–25°
C
25
75


Similar Part No. - 2SB860

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SB860 HITACHI-2SB860 Datasheet
31Kb / 5P
   Silicon PNP Triple Diffused
logo
Savantic, Inc.
2SB860 SAVANTIC-2SB860 Datasheet
128Kb / 4P
   Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SB860 JMNIC-2SB860 Datasheet
191Kb / 4P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SB860 ISC-2SB860 Datasheet
163Kb / 4P
   Silicon PNP Power Transistors
logo
Savantic, Inc.
2SB860 SAVANTIC-2SB860 Datasheet
130Kb / 4P
   Silicon PNP Power Transistors
More results

Similar Description - 2SB860

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SB859 HITACHI-2SB859 Datasheet
32Kb / 5P
   Silicon PNP Triple Diffused
2SB955 HITACHI-2SB955 Datasheet
35Kb / 6P
   Silicon PNP Triple Diffused
logo
List of Unclassifed Man...
2SA755 ETC-2SA755 Datasheet
40Kb / 1P
   SILICON PNP TRIPLE DIFFUSED
logo
Hitachi Semiconductor
2SB1032 HITACHI-2SB1032 Datasheet
36Kb / 6P
   Silicon PNP Triple Diffused
2SB1091 HITACHI-2SB1091 Datasheet
35Kb / 6P
   Silicon PNP Triple Diffused
2SB1399 HITACHI-2SB1399 Datasheet
36Kb / 6P
   Silicon PNP Triple Diffused
2SB1494 HITACHI-2SB1494 Datasheet
35Kb / 6P
   Silicon PNP Triple Diffused
logo
Renesas Technology Corp
2SB1530 RENESAS-2SB1530 Datasheet
147Kb / 7P
   Silicon PNP Triple Diffused
logo
Hitachi Semiconductor
2SB1389 HITACHI-2SB1389 Datasheet
35Kb / 6P
   Silicon PNP Triple Diffused
2SB566 HITACHI-2SB566 Datasheet
33Kb / 6P
   Silicon PNP Triple Diffused
2SB1079 HITACHI-2SB1079 Datasheet
36Kb / 6P
   Silicon PNP Triple Diffused
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com