Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37481M4T-XXXSP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # M37481M4T-XXXSP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37481M4T-XXXSP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button M37481M4T-XXXSP Datasheet HTML 6Page - Renesas Technology Corp M37481M4T-XXXSP Datasheet HTML 7Page - Renesas Technology Corp M37481M4T-XXXSP Datasheet HTML 8Page - Renesas Technology Corp M37481M4T-XXXSP Datasheet HTML 9Page - Renesas Technology Corp M37481M4T-XXXSP Datasheet HTML 10Page - Renesas Technology Corp M37481M4T-XXXSP Datasheet HTML 11Page - Renesas Technology Corp M37481M4T-XXXSP Datasheet HTML 12Page - Renesas Technology Corp M37481M4T-XXXSP Datasheet HTML 13Page - Renesas Technology Corp M37481M4T-XXXSP Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 98 page
background image
9
MITSUBISHI MICROCOMPUTERS
7480/7481 GROUP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
VCC, VSS
AVSS
VREF
_____
RESET
P00 – P07
P10 – P17
PIN DESCRIPTION
Table 3. Pin description
Clock input
Clock output
XIN
XOUT
Input
Output
Input
Input
I/O
I/O
Power source
Analog power
source input
Reference voltage
input
Reset input
I/O port P0
I/O port P1
P20 – P27
Apply a voltage of 2.7 to 5.5 V to VCC and 0 V to VSS.
Ground level input pin for A-D converter. Apply the same voltage as Vss. (This
pin is for 44P6N-A package only.)
Reference voltage input pin for A-D converter. (When the A-D converter is not
used, connect it to VCC.)
Reset input pin active “L”.
These are I/O pins for the internal clock generating circuit of the main clock. To
control the generating frequency, an external ceramic is connected between
the XIN and XOUT pins. If an external clock is used, the clock source should be
connected to the XIN pin, and the XOUT pin should be left open. The feedback
resistor is connected between XIN and XOUT.
8-bit I/O port. The output structure is CMOS output.
When this port is selected for input, pull-up transistors can be connected in
units of 1 bit, and a key-on wake-up function is provided.
8-bit I/O port. The output structure is CMOS output.
When this port is selected for input, pull-up transistors can be connected in
units of 4 bits. P12 and P13 are in common with timer output pins T0 and T1.
P14, P15, P16 and P17 are in common with serial I/O pins RXD, TXD, SCLK and
____
SRDY, respectively.
8-bit input port. (Only 4 bits of P20 to P23 for the 7480 group) or analog input
pins IN0 to IN7 (IN0 to IN3 for the 7480 group).
Input port P2
Input
4-bit input port. P30 and P31 can be configured to serve as external interrupt
input pins INT0 and INT1.
4-bit I/O port. (2 bits of P40 and P41 for the 7480 group). The output structure
is N-channel open drain output, having a built-in clamp diode. P40 and P41 can
be configured to serve as timer I/O pins CNTR0 and CNTR1.
4-bit I/O port. (This port is not included in the 7480 group.) The output structure
is N-channel open drain output, having built-in clamp diodes.
P30 – P33
Input port P3
P40 – P43
P50 – P53
I/O port P4
I/O port P5
I/O
I/O
Input
Pin
Name
Functions
Input/
output


Similar Part No. - M37481M4T-XXXSP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37481M4T-XXXSP RENESAS-M37481M4T-XXXSP Datasheet
2Mb / 337P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
More results

Similar Description - M37481M4T-XXXSP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com