Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M34553G8FP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # M34553G8FP
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
Download  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M34553G8FP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button M34553G8FP Datasheet HTML 2Page - Renesas Technology Corp M34553G8FP Datasheet HTML 3Page - Renesas Technology Corp M34553G8FP Datasheet HTML 4Page - Renesas Technology Corp M34553G8FP Datasheet HTML 5Page - Renesas Technology Corp M34553G8FP Datasheet HTML 6Page - Renesas Technology Corp M34553G8FP Datasheet HTML 7Page - Renesas Technology Corp M34553G8FP Datasheet HTML 8Page - Renesas Technology Corp M34553G8FP Datasheet HTML 9Page - Renesas Technology Corp M34553G8FP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 145 page
background image
Rev.3.02
Dec 22, 2006
page 6 of 142
REJ03B0024-0302
4553 Group
DEFINITION OF CLOCK AND CYCLE
q Operation source clock
The operation source clock is the source clock to operate this
product. In this product, the following clocks are used.
• Clock (f(XIN)) by the external ceramic resonator
• Clock (f(XIN)) by the external RC oscillation
• Clock (f(XIN)) by the external input
• Clock (f(RING)) of the on-chip oscillator which is the internal
oscillator
• Clock (f(XCIN)) by the external quartz-crystal resonator
Register MR
System clock
f(STCK) = f(RING)/8
f(STCK) = f(RING)/4
f(STCK) = f(RING)/2
f(STCK) = f(RING)
f(STCK) = f(XIN)/8
f(STCK) = f(XIN)/4
f(STCK) = f(XIN)/2
f(STCK) = f(XIN)
f(STCK) = f(XCIN)/8
f(STCK) = f(XCIN)/4
f(STCK) = f(XCIN)/2
f(STCK) = f(XCIN)
Table Selection of system clock
Note: The f(RING)/8 is selected after system is released from reset.
MR2
1
0
1
0
1
0
1
0
1
0
1
0
MR3
1
1
0
0
1
1
0
0
1
1
0
0
Operation mode
Internal frequency divided by 8 mode
Internal frequency divided by 4 mode
Internal frequency divided by 2 mode
Internal frequency through mode
High-speed frequency divided by 8 mode
High-speed frequency divided by 4 mode
High-speed frequency divided by 2 mode
High-speed through mode
Low-speed frequency divided by 8 mode
Low-speed frequency divided by 4 mode
Low-speed frequency divided by 2 mode
Low-speed through mode
q System clock (STCK)
The system clock is the basic clock for controlling this product.
The system clock is selected by the clock control register MR
shown as the table below.
q Instruction clock (INSTCK)
The instruction clock is the basic clock for controlling CPU. The
instruction clock (INSTCK) is a signal derived by dividing the
system clock (STCK) by 3. The one instruction clock cycle gen-
erates the one machine cycle.
q Machine cycle
The machine cycle is the standard cycle required to execute the
instruction.
MR0
0
0
0
0
1
1
1
1
0
0
0
0
MR1
0
0
0
0
0
0
0
0
1
1
1
1
PORT FUNCTION
Port
Port D
Port P0
Port P1
Port P2
Port C
I/O
unit
1
4
4
4
1
Control
instructions
SD, RD
SZD
CLD
OP0A
IAP0
OP1A
IAP1
OP2A
IAP2
RCP
SCP
Control
registers
FR1, FR2
I1, K2
RG
FR0, PU0
K0
C1
FR0, PU1
K0, K1
C2
FR2
L3
W1
Output structure
N-channel open-drain/
CMOS
N-channel open-drain
N-channel open-drain/
CMOS
N-channel open-drain/
CMOS
N-channel open-drain/
CMOS
CMOS
Input
Output
I/O
(6)
Output
(2)
I/O
(4)
I/O
(4)
I/O
(4)
Output
(1)
Remark
Pin
D0–D4, D5/INT
XCIN/D6, XCOUT/D7
P00/SEG21–P03/SEG24
P10/SEG25–P13/SEG28
P20/SEG17–P23/SEG20
C/CNTR
Output structure selection
function (programmable)
Built-in pull-up functions, key-on
wakeup functions and output
structure selection function
(programmable)
Built-in pull-up functions, key-on
wakeup functions and output
structure selection function
(programmable)
Output structure selection func
tion (programmable)


Similar Part No. - M34553G8FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M34553T-PTCA RENESAS-M34553T-PTCA Datasheet
35Kb / 1P
   50-pin Narrow-Pitch Connector Converter Board for M34552T2-CPE(for 4553, 4556 Group)
M34553T-PTCB RENESAS-M34553T-PTCB Datasheet
113Kb / 1P
   Converter Board for 48-pin 0.5-mm-pitch LQFP for M34552T2-CPE(for 4553 Group)
More results

Similar Description - M34553G8FP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
34280M1 ETC-34280M1 Datasheet
9Kb / 2P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M34282 RENESAS-M34282 Datasheet
609Kb / 69P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4502 RENESAS-4502 Datasheet
880Kb / 116P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4513 RENESAS-4513 Datasheet
1Mb / 97P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4518 RENESAS-4518 Datasheet
1Mb / 160P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4552 RENESAS-4552 Datasheet
1Mb / 145P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
455A RENESAS-455A Datasheet
3Mb / 148P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4508 RENESAS-4508 Datasheet
1Mb / 142P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4509 RENESAS-4509 Datasheet
907Kb / 142P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4554 RENESAS-4554 Datasheet
1Mb / 138P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com