Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4583 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 4583
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4583 Datasheet(HTML) 1 Page - Renesas Technology Corp

  4583 Datasheet HTML 1Page - Renesas Technology Corp 4583 Datasheet HTML 2Page - Renesas Technology Corp 4583 Datasheet HTML 3Page - Renesas Technology Corp 4583 Datasheet HTML 4Page - Renesas Technology Corp 4583 Datasheet HTML 5Page - Renesas Technology Corp 4583 Datasheet HTML 6Page - Renesas Technology Corp 4583 Datasheet HTML 7Page - Renesas Technology Corp 4583 Datasheet HTML 8Page - Renesas Technology Corp 4583 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 153 page
background image
DESCRIPTION
The 4583 Group is a 4-bit single-chip microcomputer designed with
CMOS technology. Its CPU is that of the 4500 series using a
simple, high-speed instruction set. The computer is equipped with
four 8-bit timers (each timer has one or two reload registers), a 10-
bit A/D converter, interrupts, and oscillation circuit switch function.
The various microcomputers in the 4583 Group include variations
of the built-in memory type as shown in the table below.
FEATURES
qMinimum instruction execution time .................................. 0.5
µs
(at 6 MHz oscillation frequency, in XIN through-mode)
qSupply voltage
Mask ROM version ...................................................... 1.8 to 5.5 V
One Time PROM version ............................................. 2.5 to 5.5 V
(It depends on operation source clock, oscillation frequency and op-
eration mode)
qTimers
Timer 1 ...................................... 8-bit timer with a reload register
Timer 2 ...................................... 8-bit timer with a reload register
Timer 3 ...................................... 8-bit timer with a reload register
Timer 3 ................................. 8-bit timer with two reload registers
Part number
M34583MD-XXXFP
M34583EDFP (Note)
ROM type
Mask ROM
One Time PROM
Package
32P6U-A
32P6U-A
RAM size
(✕ 4 bits)
384 words
384 words
ROM (PROM) size
(✕ 10 bits)
16384 words
16384 words
qInterrupt ........................................................................ 7 sources
qKey-on wakeup function pins ................................................... 10
q A/D converter .......... 10-bit successive comparison method, 2ch
qVoltage drop detection circuit
Reset occurrence .................................... Typ. 1.5 V (Ta = 25 °C)
Reset release .......................................... Typ. 1.6 V (Ta = 25 °C)
qWatchdog timer
qClock generating circuit
(ceramic resonator/RC oscillation/quartz-crystal oscillation/on-
chip oscillator)
qLED drive directly enabled (port D)
APPLICATION
Remote control transmitter
Note: Shipped in blank.
PIN CONFIGURATION
Pin configuration (top view) (4583 Group)
OUTLINE 32P6U-A
2
1
345678
23
24
22
21
20
19
18
17
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
P30/INT0
VDCE
VDD
VSS
XIN
XOUT
CNVSS
RESET
P03
P10
P11
P12
P13
D0
D1
D2
M34583MD-XXXFP
M34583EDFP
4583 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
Rev.3.00
Aug 06, 2004
page 1 of 151
REJ03B0009-0300Z
REJ03B0009-0300Z
Rev.3.00
2004.08.06


Similar Part No. - 4583

ManufacturerPart #DatasheetDescription
logo
Heyco.
4583 HEYCO-4583 Datasheet
267Kb / 1P
   Heyco®-Tite Brass Liquid Tight Cordgrips
logo
RAF ELECTRONIC HARDWARE
4583-1032-AL RAF-4583-1032-AL Datasheet
112Kb / 1P
   5/6 HEX MALE FEMALE STANDOFFS
4583-1032-SS RAF-4583-1032-SS Datasheet
112Kb / 1P
   5/6 HEX MALE FEMALE STANDOFFS
logo
Molex Electronics Ltd.
45830-0007 MOLEX6-45830-0007 Datasheet
503Kb / 4P
   1.20mm (.047") by 2.00mm (.079") Pitch HD Mezz Plug, 91 Circuits, 8.00mm (.314") Unmated Height, 7 Rows
45830-0015 MOLEX-45830-0015 Datasheet
903Kb / 2P
   HD Mezz??Connectors
More results

Similar Description - 4583

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
34280M1 ETC-34280M1 Datasheet
9Kb / 2P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M34282 RENESAS-M34282 Datasheet
609Kb / 69P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4502 RENESAS-4502 Datasheet
880Kb / 116P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4513 RENESAS-4513 Datasheet
1Mb / 97P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4518 RENESAS-4518 Datasheet
1Mb / 160P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4552 RENESAS-4552 Datasheet
1Mb / 145P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4553 RENESAS-4553 Datasheet
1Mb / 145P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
455A RENESAS-455A Datasheet
3Mb / 148P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4508 RENESAS-4508 Datasheet
1Mb / 142P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4509 RENESAS-4509 Datasheet
907Kb / 142P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4554 RENESAS-4554 Datasheet
1Mb / 138P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com