Electronic Components Datasheet Search |
|
M38B74M5 Datasheet(PDF) 2 Page - Renesas Technology Corp |
|
M38B74M5 Datasheet(HTML) 2 Page - Renesas Technology Corp |
2 / 110 page 38B7 Group SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER MITSUBISHI MICROCOMPUTERS 1 DESCRIPTION The 38B7 group is the 8-bit microcomputer based on the 740 family core technology. The 38B7 group has six 8-bit timers, one 16-bit timer, a fluorescent display automatic display circuit, 16-channel 10-bit A-D converter, a serial I/O with automatic transfer function, which are available for controlling musical instruments and household appliances. FEATURES <Microcomputer mode> • Basic machine-language instructions ....................................... 71 • The minimum instruction execution time .......................... 0.48 µs (at 4.2 MHz oscillation frequency) • Memory size ROM ........................................................ 60K bytes RAM .......................................................2048 bytes • Programmable input/output ports ............................................. 75 • High-breakdown-voltage output ports ...................................... 52 • Software pull-up resistors . (Ports P64 to P67, P7, P80 to P83, P9, PA, PB) • Interrupts .................................................. 22 sources, 16 vectors • Timers ........................................................... 8-bit ✕ 6, 16-bit ✕ 1 • Serial I/O1 (Clock-synchronized) ................................... 8-bit ✕ 1 (max. 256-byte automatic transfer function) • Serial I/O2 (UART or Clock-synchronized) .................... 8-bit ✕ 1 • Serial I/O3 (Clock-synchronized) ................................... 8-bit ✕ 1 • PWM ............................................................................ 14-bit ✕ 1 8-bit ✕ 1 (also functions as timer 6) • A-D converter .............................................. 10-bit ✕ 16 channels • D-A converter ................................................................1 channel • Fluorescent display function ......................... Total 56 control pins • Interrupt interval determination function ..................................... 1 (Serviceable even in low-speed mode) • Watchdog timer ............................................................ 16-bit ✕ 1 • Buzzer output ............................................................................. 1 • Two clock generating circuits Main clock (XIN–XOUT) .......................... Internal feedback resistor Sub-clock (XCIN–XCOUT) .......... Without internal feedback resistor (connect to external ceramic resonator or quartz-crystal oscillator) • Power source voltage In high-speed mode ................................................... 4.0 to 5.5 V (at 4.2 MHz oscillation frequency and high-speed selected) In middle-speed mode ........................................... 2.7 to 5.5 V (*) (at 4.2 MHz oscillation frequency and middle-speed selected) In low-speed mode ................................................ 2.7 to 5.5 V (*) (at 32 kHz oscillation frequency) (*: 4.0 to 5.5 V for Flash memory version) • Power dissipation In high-speed mode .......................................................... 35 mW (at 4.2 MHz oscillation frequency) In low-speed mode ............................................................. 60 µW (at 32 kHz oscillation frequency, at 3 V power source voltage) • Operating temperature range ................................... –20 to 85 °C <Flash memory mode> qSupply voltage ................................................. VCC = 5 V ± 10 % qProgram/Erase voltage ............................... VPP = 11.7 to 12.6 V qProgramming method ...................... Programming in unit of byte qErasing method Batch erasing ........................................ Parallel/Serial I/O mode Block erasing .................................... CPU reprogramming mode qProgram/Erase control by software command qNumber of times for programming/erasing ............................ 100 qOperating temperature range (at programming/erasing) ..................................................................... Normal temperature sNotes 1. The flash memory version cannot be used for application em- bedded in the MCU card. 2. Power source voltage Vcc of the flash memory version is 4.0 to 5.5 V. APPLICATION Musical instruments, VCR, household appliances, etc. |
Similar Part No. - M38B74M5 |
|
Similar Description - M38B74M5 |