Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STU13NC50 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STU13NC50
Description  N-CHANNEL 500V - 0.31ohm - 13A Max220 PowerMesh?줚I MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU13NC50 Datasheet(HTML) 4 Page - STMicroelectronics

  STU13NC50 Datasheet HTML 1Page - STMicroelectronics STU13NC50 Datasheet HTML 2Page - STMicroelectronics STU13NC50 Datasheet HTML 3Page - STMicroelectronics STU13NC50 Datasheet HTML 4Page - STMicroelectronics STU13NC50 Datasheet HTML 5Page - STMicroelectronics STU13NC50 Datasheet HTML 6Page - STMicroelectronics STU13NC50 Datasheet HTML 7Page - STMicroelectronics STU13NC50 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
STU13NC50
4/8
Gate Charge vs Gate-source Voltage
Capacitance Variations
Static Drain-source On Resistance
Transfer Characteristics
Output Characteristics
Transconductance


Similar Part No. - STU13NC50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STU13N60M2 STMICROELECTRONICS-STU13N60M2 Datasheet
1Mb / 18P
   N-channel 600 V, 0.35 廓 typ., 11 A MDmesh II Plus??low Qg Power MOSFETs in TO-220, IPAK and TO-247 packages
February 2014 Rev 5
STU13N65M2 STMICROELECTRONICS-STU13N65M2 Datasheet
551Kb / 16P
   N-channel 650 V, 0.37 ??typ.,10 A MDmesh??M2 Power MOSFETs in TO-220 and IPAK packages
December 2014 Rev 1
STU13NB60 STMICROELECTRONICS-STU13NB60 Datasheet
61Kb / 6P
   N-CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
STU13NM60N STMICROELECTRONICS-STU13NM60N Datasheet
989Kb / 21P
   N-channel 600 V, 0.28 ohm typ., 11 A MDmesh II Power MOSFET in TO-220FP, I2PAK, TO-220, IPAK, TO-247 packages
logo
Inchange Semiconductor ...
STU13NM60N ISC-STU13NM60N Datasheet
314Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Similar Description - STU13NC50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STU16NC50 STMICROELECTRONICS-STU16NC50 Datasheet
260Kb / 8P
   N-CHANNEL 500V - 0.22ohm - 16A Max220 PowerMesh?줚I MOSFET
STU16NB50 STMICROELECTRONICS-STU16NB50 Datasheet
49Kb / 6P
   N-CHANNEL 500V - 0.28ohm - 15.6A-Max220 PowerMESH MOSFET
STB8NC50 STMICROELECTRONICS-STB8NC50 Datasheet
441Kb / 9P
   N-CHANNEL 500V - 0.7ohm - 8A D2PAK PowerMesh?줚I MOSFET
STB4NC50 STMICROELECTRONICS-STB4NC50 Datasheet
244Kb / 8P
   N-CHANNEL 500V - 2.2ohm - 4A D2PAK PowerMesh?줚I MOSFET
STE53NC50 STMICROELECTRONICS-STE53NC50 Datasheet
275Kb / 8P
   N-CHANNEL 500V - 0.070ohm - 53A ISOTOP PowerMesh?줚I MOSFET
STW20NC50 STMICROELECTRONICS-STW20NC50 Datasheet
249Kb / 8P
   N-CHANNEL 500V - 0.22ohm - 18.4A TO-247 PowerMesh?줚I MOSFET
STP3NC50 STMICROELECTRONICS-STP3NC50 Datasheet
238Kb / 8P
   N-CHANNEL 500V - 3ohm - 2.8A TO-220 PowerMesh?줚I MOSFET
STD2NC50 STMICROELECTRONICS-STD2NC50 Datasheet
442Kb / 10P
   N-CHANNEL 500V - 3ohm - 2.2A DPAK/IPAK PowerMesh?줚I MOSFET
STD4NC50 STMICROELECTRONICS-STD4NC50_07 Datasheet
190Kb / 9P
   N-CHANNEL 500V - 1.3??- 3.7A DPAK/IPAK PowerMesh?줚I MOSFET
August 2001
logo
Alpha & Omega Semicondu...
AOT13N50 AOSMD-AOT13N50 Datasheet
165Kb / 6P
   500V, 13A N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com