Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38C34E7A Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M38C34E7A
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38C34E7A Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button M38C34E7A Datasheet HTML 4Page - Renesas Technology Corp M38C34E7A Datasheet HTML 5Page - Renesas Technology Corp M38C34E7A Datasheet HTML 6Page - Renesas Technology Corp M38C34E7A Datasheet HTML 7Page - Renesas Technology Corp M38C34E7A Datasheet HTML 8Page - Renesas Technology Corp M38C34E7A Datasheet HTML 9Page - Renesas Technology Corp M38C34E7A Datasheet HTML 10Page - Renesas Technology Corp M38C34E7A Datasheet HTML 11Page - Renesas Technology Corp M38C34E7A Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 63 page
background image
7
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
38C3 Group
Not available
Processor mode bits
b1 b0
0
0 : Single-chip mode
0
1 :
1
0 :
1
1 :
Stack page selection bit
0 : RAM in the zero page is used as stack area
1 : RAM in page 1 is used as stack area
Not used (returns “1” when read)
(Do not write “0” to this bit.)
Port XC switch bit
0 : I/O port
1 : XCIN, XCOUT
Main clock ( XIN–XOUT) stop bit
0 : Operating
1 : Stopped
Main clock division ratio selection bit
0 : f(XIN)/2 (high-speed mode)
1 : f(XIN)/8 (middle-speed mode)
Internal system clock selection bit
0 : XIN-XOUT selected (middle-/high-speed mode)
1 : XCIN-XCOUT selected (low-speed mode)
CPU mode register
(CPUM (CM) : address 003B 16)
b7
b0
FUNCTIONAL DESCRIPTION
CENTRAL PROCESSING UNIT (CPU)
The 38C3 group uses the standard 740 family instruction set. Refer
to the table of 740 family addressing modes and machine instruc-
tions or the 740 Family Software Manual for details on the instruction
set.
Machine-resident 740 family instructions are as follows:
The FST and SLW instruction cannot be used.
The STP, WIT, MUL, and DIV instruction can be used.
[CPU Mode Register (CPUM)] 003B16
The CPU mode register contains the stack page selection bit and the
internal system clock selection bit.
The CPU mode register is allocated at address 003B16.
Fig. 5 Structure of CPU mode register


Similar Part No. - M38C34E7A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M38C34E7AXXXFP MITSUBISHI-M38C34E7AXXXFP Datasheet
881Kb / 62P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
logo
Renesas Technology Corp
M38C34E7AXXXFP RENESAS-M38C34E7AXXXFP Datasheet
1Mb / 224P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
logo
Mitsubishi Electric Sem...
M38C34E7AXXXFS MITSUBISHI-M38C34E7AXXXFS Datasheet
881Kb / 62P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
logo
Renesas Technology Corp
M38C34E7AXXXFS RENESAS-M38C34E7AXXXFS Datasheet
1Mb / 224P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
More results

Similar Description - M38C34E7A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com