Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38066M6-FP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # M38066M6-FP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38066M6-FP Datasheet(HTML) 5 Page - Renesas Technology Corp

  M38066M6-FP Datasheet HTML 1Page - Renesas Technology Corp M38066M6-FP Datasheet HTML 2Page - Renesas Technology Corp M38066M6-FP Datasheet HTML 3Page - Renesas Technology Corp M38066M6-FP Datasheet HTML 4Page - Renesas Technology Corp M38066M6-FP Datasheet HTML 5Page - Renesas Technology Corp M38066M6-FP Datasheet HTML 6Page - Renesas Technology Corp M38066M6-FP Datasheet HTML 7Page - Renesas Technology Corp M38066M6-FP Datasheet HTML 8Page - Renesas Technology Corp M38066M6-FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 67 page
background image
4
MITSUBISHI MICROCOMPUTERS
3820 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Function
• Apply voltage of 2.5 V to 5.5 V to VCC, and 0 V to VSS.
(Extended operating temperature version : 3.0 V to 5.5 V)
• Reset input pin for active “L”
• Input and output pins for the main clock generating circuit.
• Feedback resistor is built in between XIN pin and XOUT pin.
• Connect a ceramic resonator or a quartz-crystal oscillator between the XIN and XOUT pins to set
the oscillation frequency.
• If an external clock is used, connect the clock source to the XIN pin and leave the XOUT pin open.
• This clock is used as the oscillating source of system clock.
• Input 0
≤ VL1 ≤ VL2 ≤ VL3 ≤ VCC voltage
• Input 0 – VL3 voltage to LCD
• LCD common output pins
• COM2 and COM3 are not used at 1/2 duty ratio.
• COM3 is not used at 1/3 duty ratio.
• LCD segment output pins
• 8-bit I/O port
• CMOS compatible input level
• CMOS 3-state output structure
• I/O direction register allows each port to be individually
programmed as either input or output.
• Pull-down control is enabled.
• 8-bit I/O port
• CMOS compatible input level
• CMOS 3-state output structure
• I/O direction register allows each port to be individually
programmed as either input or output.
• Pull-down control is enabled.
• 8-bit I/O port
• CMOS compatible input level
• CMOS 3-state output structure
• I/O direction register allows each pin to be individually
programmed as either input or output.
• Pull-up control is enabled.
• 8-bit Input port
• CMOS compatible input level
• Pull-down control is enabled.
• 1-bit input pin
• CMOS compatible input level
• 7-bit I/O port
• CMOS compatible input level
• CMOS 3-state output structure
• I/O direction register allows each pin to be individually
programmed as either input or output.
• Pull-up control is enabled.
Pin
VCC
VSS
RESET
XIN
XOUT
VL1 – VL3
COM0 – COM3
SEG0 – SEG15
P00/SEG24
P07/SEG31
P10/SEG32
P17/SEG39
P20 – P27
P30/SEG16
P37/SEG23
P40
P41/
φ
P42/INT0,
P43/INT1
P44/RXD,
P45/TXD,
P46/SCLK1,
P47/SRDY1
Name
Power source
Reset input
Clock input
Clock output
LCD power source
Common output
Segment output
I/O port P0
I/O port P1
I/O port P2
Input port P3
Input port P4
I/O port P4
Function except a port function
• LCD segment pins
• Key input (key-on wake up) interrupt
input pins
• LCD segment pins
φ clock output pin
• Interrupt input pins
• Serial I/O1 function pins
PIN DESCRIPTION


Similar Part No. - M38066M6-FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38066M6-FP RENESAS-M38066M6-FP Datasheet
798Kb / 58P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38066M6-FP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com