Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR12CM-12A-A8 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # CR12CM-12A-A8
Description  Thyristor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CR12CM-12A-A8 Datasheet(HTML) 4 Page - Renesas Technology Corp

  CR12CM-12A-A8 Datasheet HTML 1Page - Renesas Technology Corp CR12CM-12A-A8 Datasheet HTML 2Page - Renesas Technology Corp CR12CM-12A-A8 Datasheet HTML 3Page - Renesas Technology Corp CR12CM-12A-A8 Datasheet HTML 4Page - Renesas Technology Corp CR12CM-12A-A8 Datasheet HTML 5Page - Renesas Technology Corp CR12CM-12A-A8 Datasheet HTML 6Page - Renesas Technology Corp CR12CM-12A-A8 Datasheet HTML 7Page - Renesas Technology Corp CR12CM-12A-A8 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CR12CM-12A
REJ03G0350-0200
Rev.2.00
Nov 30, 2007
Page 4 of 7
Maximum Average Power Dissipation
(Single-Phase Half Wave)
Average On-State Current (A)
Allowable Case Temperature vs.
Average On-State Current
(Single-Phase Half Wave)
Average On-State Current (A)
28
20
24
04
8
12
16
32
56
64
48
40
32
24
16
0
8
160
120
100
60
20
0
16
0
2
40
80
140
46
8
12
14
10
Resistive,
inductive loads
360
°
θ
Resistive,
inductive loads
360
°
θ
60°
90°
120°
180°
θ = 30°
60°
90°
120°
180°
θ = 30°
Maximum Average Power Dissipation
(Single-Phase Full Wave)
Average On-State Current (A)
Allowable Case Temperature vs.
Average On-State Current
(Single-Phase Full Wave)
Allowable Ambient Temperature vs.
Average On-State Current
(Single-Phase Full Wave)
Allowable Ambient Temperature vs.
Average On-State Current
(Single-Phase Half Wave)
Average On-State Current (A)
Average On-State Current (A)
Average On-State Current (A)
1.4
1.0 1.2
00.2 0.4 0.6
0.8
1.6
64
48
40
24
8
0
32
0
4
16
32
56
812
16
24
28
20
60°
90°
120°
θ = 30°
Resistive loads
360
°
θ
θ
60°
90°
120°
180°
θ = 30°
160
120
100
60
20
0
40
80
140
180°
θ = 30°
160
120
100
60
20
0
40
80
140
1.4
1.0 1.2
00.2 0.4 0.6 0.8
1.6
160
120
100
60
20
0
40
80
140
60°
90°
120°
θ = 30°
32
04
8
12
16
24
28
20
60°
90°
120°
Resistive,
inductive loads
Natural convection
360
°
θ
Resistive loads
360
°
θ
θ
Resistive loads
Natural convection
360
°
θ
θ
180°
180°


Similar Part No. - CR12CM-12A-A8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR12CM-12A-A8 RENESAS-CR12CM-12A-A8 Datasheet
124Kb / 9P
   Thyristor Medium Power Use
More results

Similar Description - CR12CM-12A-A8

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
SCA200AA SANREX-SCA200AA Datasheet
103Kb / 2P
   Thyristor/Thyristor, Thyristor/Diode
logo
International Rectifier
IRKU71 IRF-IRKU71 Datasheet
175Kb / 9P
   THYRISTOR/ THYRISTOR
logo
NXP Semiconductors
BTH151S PHILIPS-BTH151S Datasheet
44Kb / 6P
   Thyristor Thyristor
March 2001 Rev 1.001
logo
Vishay Siliconix
VS-VSKT15204PBF VISHAY-VS-VSKT15204PBF Datasheet
213Kb / 10P
   Thyristor/Thyristor
Revision: 11-Apr-14
logo
International Rectifier
IRK.105 IRF-IRK.105 Datasheet
225Kb / 8P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKH142-12 IRF-IRKH142-12 Datasheet
391Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
logo
Vishay Siliconix
VS-VSK136PBF VISHAY-VS-VSK136PBF Datasheet
412Kb / 15P
   Thyristor/Diode and Thyristor/Thyristor
Revision: 11-Apr-14
logo
International Rectifier
IRKT91-14 IRF-IRKT91-14 Datasheet
240Kb / 10P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKT430-20 IRF-IRKT430-20 Datasheet
103Kb / 8P
   THYRISTOR / DIODE and THYRISTOR / THYRISTOR
IRKL26-08 IRF-IRKL26-08 Datasheet
157Kb / 8P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
logo
Nell Semiconductor Co.,...
NKT800 NELLSEMI-NKT800 Datasheet
669Kb / 4P
   Thyristor/Diode and Thyristor/Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com