Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38066M8-FP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M38066M8-FP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38066M8-FP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M38066M8-FP Datasheet HTML 1Page - Renesas Technology Corp M38066M8-FP Datasheet HTML 2Page - Renesas Technology Corp M38066M8-FP Datasheet HTML 3Page - Renesas Technology Corp M38066M8-FP Datasheet HTML 4Page - Renesas Technology Corp M38066M8-FP Datasheet HTML 5Page - Renesas Technology Corp M38066M8-FP Datasheet HTML 6Page - Renesas Technology Corp M38066M8-FP Datasheet HTML 7Page - Renesas Technology Corp M38066M8-FP Datasheet HTML 8Page - Renesas Technology Corp M38066M8-FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 71 page
background image
DESCRIPTION
The 3825 group is the 8-bit microcomputer based on the 740 fam-
ily core technology.
The 3825 group has the LCD drive control circuit, an 8-channel A-
D converter, and a Serial I/O as additional functions.
The various microcomputers in the 3825 group include variations
of internal memory size and packaging. For details, refer to the
section on part numbering.
For details on availability of microcomputers in the 3825 Group,
refer the section on group expansion.
FEATURES
Basic machine-language instructions ....................................... 71
The minimum instruction execution time ............................ 0.5 µs
(at 8 MHz oscillation frequency)
Memory size
ROM .................................................................. 4 K to 60 K bytes
RAM ................................................................. 192 to 2048 bytes
Programmable input/output ports ............................................. 43
Software pull-up/pull-down resistors (Ports P0–P8)
Interrupts .................................................. 17 sources, 16 vectors
(includes key input interrupt)
Timers ........................................................... 8-bit ✕ 3, 16-bit ✕ 2
Serial I/O ...................... 8-bit ✕ 1 (UART or Clock-synchronized)
A-D converter .................................................. 8-bit ✕ 8 channels
LCD drive control circuit
Bias ................................................................................... 1/2, 1/3
Duty ............................................................................ 1/2, 1/3, 1/4
Common output .......................................................................... 4
Segment output ......................................................................... 40
2 Clock generating circuits
(connect to external ceramic resonator or quartz-crystal oscillator)
Power source voltage
In high-speed mode ................................................... 4.0 to 5.5 V
In middle-speed mode ............................................... 2.5 to 5.5 V
(M version: 2.2 to 5.5 V)
(Extended operating temperature version: 3.0 to 5.5 V)
In low-speed mode ..................................................... 2.5 to 5.5 V
(M version: 2.2 to 5.5 V)
(Extended operating temperature version: 3.0 to 5.5 V)
Power dissipation
In high-speed mode ........................................................... 32 mW
(at 8 MHz oscillation frequency, at 5 V power source voltage)
In low-speed mode .............................................................. 45 µW
(at 32 kHz oscillation frequency, at 3 V power source voltage)
Operating temperature range ................................... – 20 to 85°C
(Extended operating temperature version: –40 to 85°C)
APPLICATIONS
Camera, household appliances, consumer electronics, etc.
3825 Group
MITSUBISHI MICROCOMPUTERS
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Package type : 100P6S-A (100-pin plastic-molded QFP)
Fig. 1 Pin configuration of M38258MCMXXXFP
(The pin configuration of 100D0 is same as this.)
PIN CONFIGURATION (TOP VIEW)
1
2 3
4 5
6
7
8
9 10111213 14151617181920 21 2223242526 27282930
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
M38258MCMXXXFP
SEG9
C2
VL2
VL3
COM0
COM1
COM2
VREF
AVSS
VCC
SEG8
SEG0
SEG1
SEG2
SEG4
SEG5
SEG6
SEG7
SEG3
P72
P73
P71
P70
P81/XCIN
P80/XCOUT
XIN
XOUT
VSS
P27
P26
P25
P24
P23
P21
P16
P22
P20
P17
RESET
COM3


Similar Part No. - M38066M8-FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38066M8-FP RENESAS-M38066M8-FP Datasheet
798Kb / 58P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38066M8-FP RENESAS-M38066M8-FP Datasheet
1Mb / 67P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38066M8-FP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com