Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38864F3-XXXHP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # M38864F3-XXXHP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38864F3-XXXHP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button M38864F3-XXXHP Datasheet HTML 6Page - Renesas Technology Corp M38864F3-XXXHP Datasheet HTML 7Page - Renesas Technology Corp M38864F3-XXXHP Datasheet HTML 8Page - Renesas Technology Corp M38864F3-XXXHP Datasheet HTML 9Page - Renesas Technology Corp M38864F3-XXXHP Datasheet HTML 10Page - Renesas Technology Corp M38864F3-XXXHP Datasheet HTML 11Page - Renesas Technology Corp M38864F3-XXXHP Datasheet HTML 12Page - Renesas Technology Corp M38864F3-XXXHP Datasheet HTML 13Page - Renesas Technology Corp M38864F3-XXXHP Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 111 page
background image
9
3886 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
FUNCTIONAL DESCRIPTION
CENTRAL PROCESSING UNIT (CPU)
The 3886 group uses the standard 740 Family instruction set. Re-
fer to the table of 740 Family addressing modes and machine
instructions or the 740 Family Software Manual for details on the
instruction set.
Machine-resident 740 Family instructions are as follows:
The FST and SLW instructions cannot be used.
The STP, WIT, MUL, and DIV instructions can be used.
[CPU Mode Register (CPUM)] 003B16
The CPU mode register contains the stack page selection bit, the
processor mode bits specifying the chip operation mode, etc.
The CPU mode register is allocated at address 003B16.
Fig. 7 Structure of CPU mode register
CPU mode register
(CPUM : address 003B16)
b7
b0
Stack page selection bit
0 : 0 page
1 : 1 page
Reserved
(Do not write “0” to this bit when using
XCIN–XCOUT oscillation function.)
Processor mode bits
b1 b0
0
0 : Single-chip mode
0
1 : Memory expansion mode (Note)
1
0 : Microprocessor mode (Note)
1
1 : Not available
Port XC switch bit
0 : I/O port function (stop oscillating)
1 : XCIN–XCOUT oscillating function
Main clock (XIN–XOUT) stop bit
0 : Oscillating
1 : Stopped
Main clock division ratio selection bits
b7 b6
0
0 :
φ = f(XIN)/2 (high-speed mode)
0
1 :
φ = f(XIN)/8 (middle-speed mode)
1
0 :
φ = f(XCIN)/2 (low-speed mode)
1
1 : Not available
Note: This mode is not available for M38869M8A/MCA/MFA and the flash memory version.


Similar Part No. - M38864F3-XXXHP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M38867E8A-XXXHP MITSUBISHI-M38867E8A-XXXHP Datasheet
1Mb / 110P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38867E8AFS MITSUBISHI-M38867E8AFS Datasheet
1Mb / 110P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER???
M38867E8AHP MITSUBISHI-M38867E8AHP Datasheet
1Mb / 110P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER???
M38867E8AHP MITSUBISHI-M38867E8AHP Datasheet
1Mb / 110P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38867E8FS MITSUBISHI-M38867E8FS Datasheet
1Mb / 110P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38864F3-XXXHP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com