Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37545G4GP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M37545G4GP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37545G4GP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M37545G4GP Datasheet HTML 1Page - Renesas Technology Corp M37545G4GP Datasheet HTML 2Page - Renesas Technology Corp M37545G4GP Datasheet HTML 3Page - Renesas Technology Corp M37545G4GP Datasheet HTML 4Page - Renesas Technology Corp M37545G4GP Datasheet HTML 5Page - Renesas Technology Corp M37545G4GP Datasheet HTML 6Page - Renesas Technology Corp M37545G4GP Datasheet HTML 7Page - Renesas Technology Corp M37545G4GP Datasheet HTML 8Page - Renesas Technology Corp M37545G4GP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 62 page
background image
Rev.1.06
Mar 07, 2008
Page 2 of 59
REJ03B0140-0106
7545 Group
Fig. 2 Pin configuration (PLSP0032JB-A type)
Fig. 3 Pin configuration (42S1M type)
P21(LED1)/INT1
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
P22(LED2)
P23(LED3)
P24(LED4)
P25(LED5)
P26(LED6)
P27(LED7)
P42/CARR
RESET
VCC
XIN
XOUT
VSS
P30
P20(LED0)/INT0
P07/KEY7
P06/KEY6
P05/KEY5
P04/KEY4
P03/KEY3
P02/KEY2
P01/KEY1
P37
P00/KEY0
P35
P34
P33
P32
P31
P36
CNVSS
VDDR
Package type: PLSP0032JB-A
PIN CONFIGURATION (TOP VIEW)
Package type: 42S1M
P22
(LED2)
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
NC
NC
P23
(LED3)
P24
(LED4)
NC
P25
(LED5)
P26
(LED6)
P27
(LED7)
P40
(LED8)
P42
/CARR
NC
NC
VDDR
RESET
P41
(LED9)
P21
(LED1)/INT1
P20
(LED0)/INT0
P07
/KEY7
P06
/KEY6
P05
/KEY5
P04
/KEY4
P03
/KEY3
P02
/KEY2
P01
/KEY1
P00
/KEY0
P36
NC
P35
P34
P33
P37
26
25
24
23
22
17
18
19
20
21
CNVSS
VCC
XIN
XOUT
VSS
P32
P31
P30
P11
P10
PIN CONFIGURATION (TOP VIEW)


Similar Part No. - M37545G4GP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37540E2FP RENESAS-M37540E2FP Datasheet
860Kb / 88P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37540E2FP RENESAS-M37540E2FP Datasheet
4Mb / 366P
   8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
M37540E2GP RENESAS-M37540E2GP Datasheet
860Kb / 88P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37540E2GP RENESAS-M37540E2GP Datasheet
4Mb / 366P
   8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
M37540E2SP RENESAS-M37540E2SP Datasheet
860Kb / 88P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M37545G4GP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com