Electronic Components Datasheet Search |
|
XC6204E162PL Datasheet(PDF) 1 Page - Torex Semiconductor |
|
XC6204E162PL Datasheet(HTML) 1 Page - Torex Semiconductor |
1 / 49 page 1/49 XC6204/XC6205 Series High Speed LDO Regulators Output ON-OFF Control ■GENERAL DESCRIPTION The XC6204/6205 series are highly precise, low noise, positive voltage LDO regulators manufactured using CMOS processes. The series achieves high ripple rejection and low dropout and consists of a standard voltage source, an error correction, current limiter and a phase compensation circuit plus a driver transistor. Output voltage is selectable in 0.05V steps within a range of 0.9V ~ 6.0V. The series is also compatible with low ESR ceramic capacitors which give added output stability. This stability can be maintained even during load fluctuations due to the excellent transient response of the series. The current limiter's foldback circuit also operates as a short protect for the output current limiter and the output pin. The CE function enables the output to be turned off, resulting in greatly reduced power consumption. ■APPLICATIONS ●Mobile phones ●Cordless phones ●Cameras, video recorders ●Portable games ●Portable AV equipment ●Reference voltage ●Battery powered equipment ■TYPICAL APPLICATION CIRCUIT ■FEATURES Maximum Output Current : 150mA (300mA=XC6204 E to H TYP.) Dropout Voltage : 200mV @ 100mA 60mV @ 30mA Operating Voltage : 2V ~ 10V Output Voltage Range : 1.8V ~ 6.0V (XC6204) (0.05V increments) 0.9V ~ 1.75V (XC6205) (0.05V increments) Highly Accurate : ±2% Low Power Consumption : 70 μA (TYP.) Standby Current : Less than 0.1 μA (TYP.) High Ripple Rejection : 70dB (10kHz) (XC6204) 60dB (10kHz) (XC6205) Operational Temperature Range : -40 ℃ ~ 85℃ Low ESR Capacitor Compatible : Ceramic capacitor ■TYPICAL PERFORMANCE CHARACTERISTICS ETR0304_004 |
Similar Part No. - XC6204E162PL |
|
Similar Description - XC6204E162PL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |