Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37542M4-XXXHP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M37542M4-XXXHP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37542M4-XXXHP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M37542M4-XXXHP Datasheet HTML 1Page - Renesas Technology Corp M37542M4-XXXHP Datasheet HTML 2Page - Renesas Technology Corp M37542M4-XXXHP Datasheet HTML 3Page - Renesas Technology Corp M37542M4-XXXHP Datasheet HTML 4Page - Renesas Technology Corp M37542M4-XXXHP Datasheet HTML 5Page - Renesas Technology Corp M37542M4-XXXHP Datasheet HTML 6Page - Renesas Technology Corp M37542M4-XXXHP Datasheet HTML 7Page - Renesas Technology Corp M37542M4-XXXHP Datasheet HTML 8Page - Renesas Technology Corp M37542M4-XXXHP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 122 page
background image
DESCRIPTION
The 7542 Group is the 8-bit microcomputer based on the 740 fam-
ily core technology.
The 7542 Group has serial interfaces, 8-bit timers, 16-bit timers,
and an A/D converter, and is useful for control of home electric ap-
pliances and office automation equipment.
FEATURES
Basic machine-language instructions ...................................... 71
The minimum instruction execution time ............................. 0.25 µs
(at 8 MHz oscillation frequency, double-speed mode for the
shortest instruction)
Memory size
Flash memory version: ROM ..................... 16 to 32K + 4K bytes
RAM ..................................... 1024 bytes
Mask ROM version:
ROM ............................. 8K to 16K bytes
RAM ............................ 384 to 512 bytes
RSS version
RAM ..................................... 1024 bytes
Programmable I/O ports
29 (25 in 32-pin version and PWQN0036KA-A package version)
Interrupts ................................................. 18 sources, 16 vectors
Timers ............................................................................. 8-bit ✕ 2
...................................................................................... 16-bit ✕ 2
• Output compare ............................................................ 4-channel
• Input capture ................................................................ 2-channel
Serial interface ............ 8-bit ✕ 2 (UART or Clock-synchronized)
A/D converter ............................................... 10-bit ✕ 8 channels
(6 channels in 32-pin version and PWQN0036KA-A package
version)
Clock generating circuit ............................................. Built-in type
(low-power dissipation by an on-chip oscillator)
(connected to external ceramic resonator or quartz-crystal
oscillator permitting RC oscillation)
Watchdog timer ............................................................ 16-bit ✕ 1
Power source voltage
XIN oscillation frequency at ceramic oscillation, in double-speed mode
At 8 MHz .................................................................... 4.5 to 5.5 V
XIN oscillation frequency at ceramic oscillation, in high-speed mode
At 8 MHz .................................................................... 4.0 to 5.5 V
At 4 MHz .................................................................... 2.4 to 5.5 V
At 2 MHz .................................................................... 2.2 to 5.5 V
XIN oscillation frequency at RC oscillation in high-speed mode or
middle-speed mode
At 4 MHz .................................................................... 4.0 to 5.5 V
At 2 MHz .................................................................... 2.4 to 5.5 V
At 1 MHz .................................................................... 2.2 to 5.5 V
Power dissipation ................................................ 27.5 mW (Typ.)
Operating temperature range ................................... –20 to 85 °C
APPLICATION
Office automation equipment, factory automation equipment,
home electric appliances, consumer electronics, etc.
Rev.3.03
Jul 11, 2008
Page 1 of 117
REJ03B0006-0303
7542 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
REJ03B0006-0303
Rev.3.03
Jul 11, 2008


Similar Part No. - M37542M4-XXXHP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37542F8GPSP RENESAS-M37542F8GPSP Datasheet
272Kb / 8P
   SINGLE-CHIP MICROCOMPUTER
More results

Similar Description - M37542M4-XXXHP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com