Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38865M4-XXXHP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M38865M4-XXXHP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38865M4-XXXHP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M38865M4-XXXHP Datasheet HTML 3Page - Renesas Technology Corp M38865M4-XXXHP Datasheet HTML 4Page - Renesas Technology Corp M38865M4-XXXHP Datasheet HTML 5Page - Renesas Technology Corp M38865M4-XXXHP Datasheet HTML 6Page - Renesas Technology Corp M38865M4-XXXHP Datasheet HTML 7Page - Renesas Technology Corp M38865M4-XXXHP Datasheet HTML 8Page - Renesas Technology Corp M38865M4-XXXHP Datasheet HTML 9Page - Renesas Technology Corp M38865M4-XXXHP Datasheet HTML 10Page - Renesas Technology Corp M38865M4-XXXHP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 111 page
background image
6
3886 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
P51/INT20
/S0
P52/INT30
/R
P53/INT40
/W
Functions
Name
Pin
P40/XCOUT
P41/XCIN
I/O port P4
•8-bit I/O port with the same function as port P0.
<Input level>
P40, P41 : CMOS input level
P42–P46 : CMOS compatible input level or TTL in-
put level
P47 : CMOS compatible input level or TTL input
level in the bus interface function
<Output structure>
P40, P41, P47 : CMOS 3-state output structure
P42–P46 : CMOS 3-state output structure or N-
channel open-drain output structure
•Regardless of input or output port, P42 to P46 can
be input every pin level.
•When P42 and P43 are used as output port, the
function which makes P42 and P43 clear to “0”
when the host CPU reads the output data bus
buffer 0 can be added.
•8-bit I/O port with the same function as port P0.
•CMOS compatible input level.
•CMOS 3-state output structure.
•P50 to P53 can be switched between CMOS com-
patible input level or TTL input level in the bus
interface function.
Function except a port function
Table 2 Pin description (2)
•Sub-clock generating circuit I/O
pins
(Connect a resonator.)
P42/INT0
/OBF00
P43/INT1
/OBF01
P44/RxD
P45/TxD
P46/SCLK1
/OBF10
P47/SRDY1
/S1
P50/A0
P54/CNTR0
P55/CNTR1
P56/DA1
/PWM01
P57/DA2
/PWM11
P60/AN0
P67/AN7
P70/SIN2
P71/SOUT2
P72/SCLK2
P73/SRDY2
/INT21
P74/INT31
P75/INT41
P76/SDA
P77/SCL
P80/DQ0
P87/DQ7
I/O port P5
I/O port P6
I/O port P7
I/O port P8
•8-bit I/O port with the same function as port P0.
•CMOS compatible input level.
•CMOS 3-state output structure.
•8-bit I/O port with the same function as port P0.
P70–P75 : CMOS compatible input level or TTL in-
put level
P76, P77 : CMOS compatible input level or
SMBUS input level in the I2C-BUS inter-
face function, N-channel open-drain
output structure
•Regardless of input or output port, P70 to P75 can
be input every pin level.
•8-bit I/O port with the same function as port P0.
•CMOS compatible input level.
•CMOS 3-state output structure.
•CMOS compatible input level or TTL input level in
the bus interface function.
•Interrupt input pins
•Bus interface function pins
•Serial I/O1 function pins
•Serial I/O1 function pins
•Bus interface function pins
•Bus interface function pins
•Interrupt input pins
•Bus interface function pins
•Timer X, timer Y function pins
•D-A converter output pin
•PWM output pin
•A-D converter output pin
•Serial I/O2 function pin
•Serial I/O2 function pin
•Interrupt input pin
•Interrupt input pin
•I2C-BUS interface function pin
•Bus interface function pin


Similar Part No. - M38865M4-XXXHP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M38867E8A-XXXHP MITSUBISHI-M38867E8A-XXXHP Datasheet
1Mb / 110P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38867E8AFS MITSUBISHI-M38867E8AFS Datasheet
1Mb / 110P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER???
M38867E8AHP MITSUBISHI-M38867E8AHP Datasheet
1Mb / 110P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER???
M38867E8AHP MITSUBISHI-M38867E8AHP Datasheet
1Mb / 110P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38867E8FS MITSUBISHI-M38867E8FS Datasheet
1Mb / 110P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38865M4-XXXHP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com