Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38517F4-SP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # M38517F4-SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38517F4-SP Datasheet(HTML) 5 Page - Renesas Technology Corp

  M38517F4-SP Datasheet HTML 1Page - Renesas Technology Corp M38517F4-SP Datasheet HTML 2Page - Renesas Technology Corp M38517F4-SP Datasheet HTML 3Page - Renesas Technology Corp M38517F4-SP Datasheet HTML 4Page - Renesas Technology Corp M38517F4-SP Datasheet HTML 5Page - Renesas Technology Corp M38517F4-SP Datasheet HTML 6Page - Renesas Technology Corp M38517F4-SP Datasheet HTML 7Page - Renesas Technology Corp M38517F4-SP Datasheet HTML 8Page - Renesas Technology Corp M38517F4-SP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 91 page
background image
Rev.1.01
Oct 15, 2003
page 5 of 89
3851 Group (Built-in 24 KB or more ROM)
GROUP EXPANSION
Renesas plans to expand the 3851 group (built-in 24 KB or more
ROM) as follows.
Memory Type
Support for mask ROM, One Time PROM, and flash memory ver-
sions.
Memory Size
Flash memory size ......................................................... 32 K bytes
Mask ROM size ................................................. 24 K to 32 K bytes
One Time PROM size ..................................................... 24 K bytes
RAM size ............................................................... 640 to 1 K bytes
Packages
42P4B ......................................... 42-pin shrink plastic-molded DIP
42P2R-A/E ......................................... 42-pin plastic-molded SSOP
42S1B-A .................. 42-pin shrink ceramic DIP (EPROM version)
Fig. 4 Memory expansion plan
Memory Expansion Plan
32K
28K
24K
20K
16K
12K
8K
384
512
640
768
896
1024
1152
1280
1408
1536
2048
ROM
exteranal
ROM size (bytes)
RAM size (bytes)
M38517M8/F8
M38514M6/E6
Products under development or planning: the development schedule and specification may be revised without notice.
The development of planning products may be stopped.
Mass production
Mass production


Similar Part No. - M38517F4-SP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38517T-ADS RENESAS-M38517T-ADS Datasheet
1Mb / 10P
   Temporary Target Board
More results

Similar Description - M38517F4-SP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com