Electronic Components Datasheet Search |
|
M38066E2-GP Datasheet(PDF) 6 Page - Renesas Technology Corp |
|
M38066E2-GP Datasheet(HTML) 6 Page - Renesas Technology Corp |
6 / 71 page SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER MITSUBISHI MICROCOMPUTERS 3825 Group 5 Function • 8-bit I/O port • CMOS compatible input level • CMOS 3-state output structure • I/O direction register allows each pin to be individually programmed as either input or output. • Pull-up control is enabled. • 8-bit I/O port • CMOS compatible input level • CMOS 3-state output structure • I/O direction register allows each pin to be individually programmed as either input or output. • Pull-up control is enabled. • 8-bit I/O port • CMOS compatible input level • CMOS 3-state output structure • I/O direction register allows each pin to be individually programmed as either input or output. • Pull-up control is enabled. • 1-bit input port • CMOS compatible input level • 7-bit I/O port • CMOS compatible input level • CMOS 3-state output structure • I/O direction register allows each pin to be individually programmed as either input or output. • Pull-up control is enabled. • 2-bit I/O port • CMOS compatible input level • CMOS 3-state output structure • I/O direction register allows each pin to be individually programmed as either input or output. • Pull-up control is enabled. Pin P40/f(XIN)/ f(XIN)/2, P41/f(XIN)/5/ f(XIN)/10 P42/INT0, P43/INT1 P44/RXD, P45/TXD, P46/SCLK, P47/SRDY P50/INT2, P51/INT3 P52/RTP0, P53/RTP1 P54/CNTR0, P55/CNTR1 P56/TOUT P57/ADT P60/AN0– P67/AN7 P70 P71–P77 P80/XCOUT, P81/XCIN Name I/O port P4 I/O port P5 I/O port P6 Input port P7 I/O port P7 I/O port P8 Function except a port function • Clock output pins • Interrupt input pins • Serial I/O function pins • Interrupt input pins • Real time port function pins • Timers X, Y functions pins • Timer 2 output pin • A-D trigger input pin • A-D conversion input pins Table 2. Pin description (2) •Sub-clock generating circuit I/O pins (Connect a resonator. External clock cannot be used.) |
Similar Part No. - M38066E2-GP |
|
Similar Description - M38066E2-GP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |