Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38060E7-XXXFP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # M38060E7-XXXFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38060E7-XXXFP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button M38060E7-XXXFP Datasheet HTML 2Page - Renesas Technology Corp M38060E7-XXXFP Datasheet HTML 3Page - Renesas Technology Corp M38060E7-XXXFP Datasheet HTML 4Page - Renesas Technology Corp M38060E7-XXXFP Datasheet HTML 5Page - Renesas Technology Corp M38060E7-XXXFP Datasheet HTML 6Page - Renesas Technology Corp M38060E7-XXXFP Datasheet HTML 7Page - Renesas Technology Corp M38060E7-XXXFP Datasheet HTML 8Page - Renesas Technology Corp M38060E7-XXXFP Datasheet HTML 9Page - Renesas Technology Corp M38060E7-XXXFP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 80 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
3826 Group
5
Table 2 Pin description (2)
Function
Pin
Name
Function except a port function
P40
P41/INT1,
P42/INT2
P43/
φ/TOUT
P44/RXD,
P45/TXD,
P46/SCLK1,
P47/SRDY1
P50/PWM0,
P51/PWM1
P52/RTP0,
P53/RTP1
P54/CNTR0,
P55/CNTR1
P56/DA1,
P57/ADT/DA2
P60/AN0/SIN2,
P61/AN1/SOUT2,
P62/AN2/SCLK21,
P63/AN3/SCLK22
P64/AN4
P67/AN7
P70/INT0
P71–P77
XCOUT
XCIN
I/O port P4
I/O port P5
I/O port P6
Input port P7
I/O port P7
Sub-clock output
Sub-clock input
•1-bit I/O port with same function as P16 and P17.
•CMOS compatible input level.
•N-channel open-drain output structure.
•7-bit I/O port with same function as P16 and P17.
•CMOS compatible input level.
•CMOS 3-state output structure.
•Pull-up control is enabled.
•8-bit I/O port with same function as P16 and P17.
•CMOS compatible input level.
•CMOS 3-state output structure.
•Pull-up control is enabled.
•8-bit I/O port with same function as P16 and P17.
•CMOS compatible input level.
•CMOS 3-state output structure.
•Pull-up control is enabled.
•1-bit input port.
•7-bit I/O port with same function as P16 and P17.
•CMOS compatible input level.
•N-channel open-drain output structure.
•Sub-clock generating circuit I/O pins.
(Connect a resonator. External clock cannot be used.)
•Interrupt input pins
φ clock output pin
•Timer 2 output pin
•Serial I/O1 I/O pins
•PWM function pins
•Real time port function pins
•Timer X, Y function pins
•D-A conversion output pins
•A-D conversion input pins
•Serial I/O2 I/O pins
•A-D conversion input pins
•Interrupt input pin


Similar Part No. - M38060E7-XXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38060E7-XXXFP RENESAS-M38060E7-XXXFP Datasheet
969Kb / 61P
   SINGLE-CHIP 8-BIT MICROCOMPUTER
More results

Similar Description - M38060E7-XXXFP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com