Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC151P Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74HC151P
Description  1-of-8-line Data Selector/Multiplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC151P Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74HC151P Datasheet HTML 1Page - Renesas Technology Corp HD74HC151P Datasheet HTML 2Page - Renesas Technology Corp HD74HC151P Datasheet HTML 3Page - Renesas Technology Corp HD74HC151P Datasheet HTML 4Page - Renesas Technology Corp HD74HC151P Datasheet HTML 5Page - Renesas Technology Corp HD74HC151P Datasheet HTML 6Page - Renesas Technology Corp HD74HC151P Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HD74HC151
Rev.2.00, Oct 11, 2005 page 4 of 6
Switching Characteristics (CL = 50 pF, Input tr = tf = 6 ns)
Ta = 25
°C
Ta = –40 to +85
°C
Item
Symbol VCC (V)
Min
Typ
Max
Min
Max
Unit
Test Conditions
2.0
205
255
4.5
18
41
51
tPLH, tPHL
6.0
35
43
ns
A, B or C to Y
2.0
185
230
4.5
18
37
46
tPLH, tPHL
6.0
31
39
ns
A, B or C to W
2.0
175
220
4.5
16
35
44
tPLH, tPHL
6.0
30
37
ns
Any D to Y
2.0
170
215
4.5
16
34
43
tPLH, tPHL
6.0
29
37
ns
Any D to W
2.0
125
155
4.5
10
25
31
tPLH, tPHL
6.0
21
26
ns
Strobe to Y
2.0
115
145
4.5
10
23
29
Propagation delay
time
tPLH, tPHL
6.0
20
25
ns
Strobe to W
2.0
75
95
4.5
5
15
19
Output rise/fall
time
tTLH, tTHL
6.0
13
16
ns
Input capacitance
Cin
5
10
10
pF
Test Circuit
L
*
C includes the probe and fig capacitance.
Note:
Measurement point
C
L


Similar Part No. - HD74HC151P

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC151 HITACHI-HD74HC151 Datasheet
51Kb / 8P
   1 of-8-line Data Selector/Multiplexer
More results

Similar Description - HD74HC151P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC152 RENESAS-HD74HC152 Datasheet
174Kb / 6P
   1-of-8-line Data Selector/Multiplexer
logo
Hitachi Semiconductor
HD74HC151 HITACHI-HD74HC151 Datasheet
51Kb / 8P
   1 of-8-line Data Selector/Multiplexer
logo
Fairchild Semiconductor
DM74ALS151 FAIRCHILD-DM74ALS151 Datasheet
56Kb / 6P
   1 of 8 Line Data Selector/Multiplexer
DM74LS151 FAIRCHILD-DM74LS151 Datasheet
70Kb / 7P
   1-of-8 Line Data Selector/Multiplexer
logo
Hitachi Semiconductor
HD74HC152 HITACHI-HD74HC152 Datasheet
48Kb / 8P
   1-of-8-line Data Selector/Multiplexer
logo
National Semiconductor ...
DM74ALS151 NSC-DM74ALS151 Datasheet
100Kb / 6P
   1 of 8 Line Data Selector/Multiplexer
August 1995
logo
Texas Instruments
9312 TI1-9312_11 Datasheet
360Kb / 8P
[Old version datasheet]   DM9312 1-of-8 Line Data Selector/Multiplexer
74AC11151 TI1-74AC11151_09 Datasheet
102Kb / 7P
[Old version datasheet]   1-OF-8 DATA SELECTOR/MULTIPLEXER
74AC11151 TI-74AC11151 Datasheet
87Kb / 7P
[Old version datasheet]   1-OF-8 DATA SELECTOR/MULTIPLEXER
74ACT11151 TI1-74ACT11151 Datasheet
88Kb / 6P
[Old version datasheet]   1-OF-8 DATA SELECTOR/MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com