Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38067M8XXXFP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # M38067M8XXXFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38067M8XXXFP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button M38067M8XXXFP Datasheet HTML 6Page - Renesas Technology Corp M38067M8XXXFP Datasheet HTML 7Page - Renesas Technology Corp M38067M8XXXFP Datasheet HTML 8Page - Renesas Technology Corp M38067M8XXXFP Datasheet HTML 9Page - Renesas Technology Corp M38067M8XXXFP Datasheet HTML 10Page - Renesas Technology Corp M38067M8XXXFP Datasheet HTML 11Page - Renesas Technology Corp M38067M8XXXFP Datasheet HTML 12Page - Renesas Technology Corp M38067M8XXXFP Datasheet HTML 13Page - Renesas Technology Corp M38067M8XXXFP Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
9
3850 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
Pin
Name
Input/Output
I/O Structure
Non-Port Function
Ref.No.
Table 3 I/O port function
Related SFRs
I/O PORTS
The I/O ports have direction registers which determine the input/
output direction of each individual pin. Each bit in a direction reg-
ister corresponds to one pin, and each pin can be set to be input
port or output port.
When “0” is written to the bit corresponding to a pin, that pin be-
comes an input pin. When “1” is written to that bit, that pin
becomes an output pin.
If data is read from a pin which is set to output, the value of the
port output latch is read, not the value of the pin itself. Pins set to
input are floating. If a pin set to input is written to, only the port
output latch is written to and the pin remains floating.
Port P0
Port P1
Port P3
Input/output,
individual
bits
CMOS compatible
input level
CMOS 3-state output
Sub-clock generating
circuit
CPU mode register
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(9)
(10)
(11)
(12)
P00–P07
P10–P17
P20/XCOUT
P21/XCIN
P22
P23
P24/RxD
P25/TxD
Port P2
P26/SCLK
P27/CNTR0/SRDY
P30/AN0
P34/AN4
P40/CNTR1
P41/INT0
P43/INT2
P44/INT3/PWM
Port P4
CMOS compatible
input level
N-channel open-drain
output
Serial I/O function I/O
Serial I/O function I/O
Serial I/O function I/O
Timer X function I/O
A-D conversion input
Serial I/O control
register
Serial I/O control
register
Serial I/O control
register
Timer XY mode register
A-D control register
Timer Y function I/O
External interrupt input
External interrupt input
PWM output
Timer XY mode register
Interrupt edge selection
register
Interrupt edge selection
register
PWM control register
CMOS compatible
input level
CMOS 3-state output


Similar Part No. - M38067M8XXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38067M8XXXFP RENESAS-M38067M8XXXFP Datasheet
1Mb / 75P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38067M8XXXFP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com