Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37560EBD-XXXGP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # M37560EBD-XXXGP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37560EBD-XXXGP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button M37560EBD-XXXGP Datasheet HTML 2Page - Renesas Technology Corp M37560EBD-XXXGP Datasheet HTML 3Page - Renesas Technology Corp M37560EBD-XXXGP Datasheet HTML 4Page - Renesas Technology Corp M37560EBD-XXXGP Datasheet HTML 5Page - Renesas Technology Corp M37560EBD-XXXGP Datasheet HTML 6Page - Renesas Technology Corp M37560EBD-XXXGP Datasheet HTML 7Page - Renesas Technology Corp M37560EBD-XXXGP Datasheet HTML 8Page - Renesas Technology Corp M37560EBD-XXXGP Datasheet HTML 9Page - Renesas Technology Corp M37560EBD-XXXGP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 90 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
7560 Group
5
Table 2 Pin description (2)
Function
Pin
Name
Function except a port function
P40
P41/INT1,
P42/INT2
P43/
φ/TOUT
P44/RXD,
P45/TXD,
P46/SCLK1,
P47/SRDY1
P50/PWM0,
P51/PWM1
P52/RTP0,
P53/RTP1
P54/CNTR0,
P55/CNTR1
P56/DA1
P57/ADT/DA2
P60/SIN2/AN0,
P61/SOUT2/AN1,
P62/SCLK21/AN2,
P63/SCLK22/AN3
P64/AN4
P67/AN7
P70/INT0
P71–P77
I/O port P4
I/O port P5
I/O port P6
Input port P7
I/O port P7
Sub-clock output
Sub-clock input
•1-bit I/O port.
•CMOS compatible input level.
•N-channel open-drain output structure.
•I/O direction register allows this pin to be individually programmed as either input or output.
•7-bit I/O port.
•CMOS compatible input level.
•CMOS 3-state output structure.
•I/O direction register allows each pin to be individually
programmed as either input or output.
•Pull-up control is enabled.
•8-bit I/O port.
•CMOS compatible input level.
•CMOS 3-state output structure.
•I/O direction register allows each pin to be individually
programmed as either input or output.
•Pull-up control is enabled.
•8-bit I/O port.
•CMOS compatible input level.
•CMOS 3-state output structure.
•I/O direction register allows each pin to be individually
programmed as either input or output.
•Pull-up control is enabled.
•1-bit input port.
•INTi interrupt input pins
•System clock
φ output pin
•Timer 2 output pin
•Serial I/O1 I/O pins
•PWM output pins
•Real time port output pins
•Timer X, Y I/O pins
•D-A converter output pin
•D-A converter output pin
•A-D external trigger input pin
•A-D converter input pins
•Serial I/O2 I/O pins
•A-D converter input pins
XCOUT
XCIN
•INT0 interrupt input pin
•7-bit I/O port.
•CMOS compatible input level.
•N-channel open-drain output structure.
•I/O direction register allows each pin to be individually programmed as either input or output.
•Sub-clock generating circuit I/O pins.
(Connect a oscillator. External clock cannot be used.)


Similar Part No. - M37560EBD-XXXGP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37560M1-XXXFP MITSUBISHI-M37560M1-XXXFP Datasheet
955Kb / 65P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37560M1-XXXGP MITSUBISHI-M37560M1-XXXGP Datasheet
955Kb / 65P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M37560M1A-XXXFP RENESAS-M37560M1A-XXXFP Datasheet
879Kb / 71P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37560M1A-XXXGP RENESAS-M37560M1A-XXXGP Datasheet
879Kb / 71P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Mitsubishi Electric Sem...
M37560M2-XXXFP MITSUBISHI-M37560M2-XXXFP Datasheet
955Kb / 65P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M37560EBD-XXXGP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com