Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38063M9XXXFP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M38063M9XXXFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38063M9XXXFP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M38063M9XXXFP Datasheet HTML 3Page - Renesas Technology Corp M38063M9XXXFP Datasheet HTML 4Page - Renesas Technology Corp M38063M9XXXFP Datasheet HTML 5Page - Renesas Technology Corp M38063M9XXXFP Datasheet HTML 6Page - Renesas Technology Corp M38063M9XXXFP Datasheet HTML 7Page - Renesas Technology Corp M38063M9XXXFP Datasheet HTML 8Page - Renesas Technology Corp M38063M9XXXFP Datasheet HTML 9Page - Renesas Technology Corp M38063M9XXXFP Datasheet HTML 10Page - Renesas Technology Corp M38063M9XXXFP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 75 page
background image
6
MITSUBISHI MICROCOMPUTERS
3807 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
48K
32K
28K
24K
20K
16K
12K
8K
384
512
640
768
896
1024
60K
1152
1280
1408
1536
External
ROM
2048
3072
4032
Mass product
M38079EF
Under development
ROM size (byte)
RAM size (byte)
Being planned
M38078MC
Mass
product
M38073E4
Being planned
M38077M8
M38078S
Being planned
M38073M4
Fig. 4. Memory expansion plan
Currently supported products are listed below.
Table 3. List of supported products
(P) ROM size (bytes)
Product
RAM size (bytes)
Package
Remarks
ROM size for User ()
M38073M4-XXXFP
Mask ROM version
M38073E4-XXXFP
16384
512
80P6N-A
One Time PROM version
M38073E4FP
(16254)
One Time PROM version (blank)
M38073E4FS
80D0
EPROM version
Note : Products under development or planning : the development schedule and specifications may be revised without notice.
As of May 1996
GROUP EXPANSION
Mitsubishi plans to expand the 3807 group as follows:
Memory Type
Support for Mask ROM, One Time PROM and EPROM versions.
Memory Size
ROM/PROM size .................................................... 8K to 60K bytes
RAM size ............................................................. 384 to 2048 bytes
Package
80P6N-A ..................................... 0.8 mm-pitch plastic molded QFP
80D0 ........................ 0.8 mm-pitch ceramic LCC (EPROM version)


Similar Part No. - M38063M9XXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38063M9XXXFP RENESAS-M38063M9XXXFP Datasheet
918Kb / 53P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38063M9XXXFP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com