Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS5ASJ-06F-T13 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # FS5ASJ-06F-T13
Description  High-Speed Switching Use Nch Power MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS5ASJ-06F-T13 Datasheet(HTML) 3 Page - Renesas Technology Corp

  FS5ASJ-06F-T13 Datasheet HTML 1Page - Renesas Technology Corp FS5ASJ-06F-T13 Datasheet HTML 2Page - Renesas Technology Corp FS5ASJ-06F-T13 Datasheet HTML 3Page - Renesas Technology Corp FS5ASJ-06F-T13 Datasheet HTML 4Page - Renesas Technology Corp FS5ASJ-06F-T13 Datasheet HTML 5Page - Renesas Technology Corp FS5ASJ-06F-T13 Datasheet HTML 6Page - Renesas Technology Corp FS5ASJ-06F-T13 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
FS5ASJ-06F
Rev.1.00, Aug.20.2004, page 3 of 6
Performance Curves
0
4
8
12
16
20
0200
50
100
150
10–1
100
2
3
5
7
101
2
3
5
5
7
100
7101
55
7102
3
7
2
3
2
2
3
tw = 100
µs
Tc = 25°C
Single Pulse
10ms
1ms
DC
Drain Power Dissipation Derating Curve
Case Temperature Tc (°C)
Maximum Safe Operating Area
Drain-Source Voltage VDS (V)
0
4
8
12
16
20
0
1.0
2.0
3.0
4.0
5.0
PD = 15W
VGS = 10V
Tc = 25°C
Pulse Test
8V
6V
3V
4V
5V
0
2
4
6
8
10
0
0.4
0.8
1.2
1.6
2.0
VGS = 10V
Tc = 25°C
Pulse Test
8V6V
5V
4V
3V
2.5V
PD = 15W
0
40
80
120
160
200
10–1 2100
35 7
2
101
35 7
23
102
57
VGS = 4V
Tc = 25°C
Pulse Test
10V
0
1.0
2.0
3.0
4.0
5.0
02468
10
ID = 8A
Tc = 25°C
Pulse Test
5A
2A
Output Characteristics (Typical)
Drain-Source Voltage VDS (V)
On-State Voltage vs.
Gate-Source Voltage (Typical)
Gate-Source Voltage VGS (V)
Output Characteristics (Typical)
Drain-Source Voltage VDS (V)
On-State Resistance vs.
Drain Current (Typical)
Drain Current ID (A)


Similar Part No. - FS5ASJ-06F-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
FS5ASJ-06F RENESAS-FS5ASJ-06F_15 Datasheet
124Kb / 9P
   High-Speed Switching Use Nch Power MOS FET
More results

Similar Description - FS5ASJ-06F-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
FS70KM-2 RENESAS-FS70KM-2 Datasheet
172Kb / 7P
   High-Speed Switching Use Nch Power MOS FET
FS70KMJ-03F RENESAS-FS70KMJ-03F Datasheet
105Kb / 7P
   High-Speed Switching Use Nch Power MOS FET
FS70VSJ-06F RENESAS-FS70VSJ-06F Datasheet
103Kb / 7P
   High-Speed Switching Use Nch Power MOS FET
FS10ASJ-3 RENESAS-FS10ASJ-3 Datasheet
171Kb / 7P
   High-Speed Switching Use Nch Power MOS FET
FS7VS-12A RENESAS-FS7VS-12A Datasheet
207Kb / 7P
   High-Speed Switching Use Nch Power MOS FET
FS5ASJ-06F RENESAS-FS5ASJ-06F_15 Datasheet
124Kb / 9P
   High-Speed Switching Use Nch Power MOS FET
RJK4007DPP RENESAS-RJK4007DPP Datasheet
67Kb / 4P
   Nch Power MOS FET High-Speed Switching Use
FS50UMJ-3 RENESAS-FS50UMJ-3 Datasheet
172Kb / 7P
   High-Speed Switching Use Nch Power MOS FET
FS70SM-06 RENESAS-FS70SM-06 Datasheet
174Kb / 7P
   High-Speed Switching Use Nch Power MOS FET
FS5AS-2 RENESAS-FS5AS-2 Datasheet
197Kb / 7P
   High-Speed Switching Use Nch Power MOS FET
FS10VS-9A RENESAS-FS10VS-9A Datasheet
206Kb / 7P
   High-Speed Switching Use Nch Power MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com