Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT-11 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # BT-11
Description  surface mount PCB module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BT-11 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button BT-11 Datasheet HTML 4Page - List of Unclassifed Manufacturers BT-11 Datasheet HTML 5Page - List of Unclassifed Manufacturers BT-11 Datasheet HTML 6Page - List of Unclassifed Manufacturers BT-11 Datasheet HTML 7Page - List of Unclassifed Manufacturers BT-11 Datasheet HTML 8Page - List of Unclassifed Manufacturers BT-11 Datasheet HTML 9Page - List of Unclassifed Manufacturers BT-11 Datasheet HTML 10Page - List of Unclassifed Manufacturers BT-11 Datasheet HTML 11Page - List of Unclassifed Manufacturers BT-11 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
©2008 Amp’ed RF Inc
1722 Ringwood Ave, Suite 250, San Jose, CA 95131, USA
BT-11 Datasheet
10/07/08
www.ampedrf.com
Page 9 of 12
9
Amp’ed RF, Inc.
(phone) 408 213-9530
(fax) 408 213-9533
Preliminary
GPIO Interface
All GPIOs are capable of sinking and sourcing 8mA of I/O current. GPIO [0] to GPIO [7] are internally
pulled down with 100KΩ (nominal) resistors GPIO [8] to GPIO [15] are internally pulled up with 100KΩ
(nominal) resistors.
UART Interface
The UART is compatible with the 16550 industry standard. Four signals are provided with the UART
interface. The TXD and RXD pins are used for data while the CTS and RTS pins are used for flow
control.
Connection to Host Device
Amp’ed RF
Module
Host
RXD
RTS
CTS
TXD
RXD
TXD
CTS
RTS


Similar Part No. - BT-11

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
BT-1112XX AVAGO-BT-1112XX Datasheet
107Kb / 1P
   10G XG-PON ONU Bi-direction OSA Module
More results

Similar Description - BT-11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BT-22 ETC2-BT-22 Datasheet
401Kb / 11P
   Surface mount PCB module
CONMCX001-SMD ETC2-CONMCX001-SMD Datasheet
139Kb / 1P
   MCX FEMALE PCB MOUNT SURFACE MOUNT
logo
Linx Technologies
CONSMA001-SMD-G-T LINX-CONSMA001-SMD-G-T Datasheet
176Kb / 3P
   SMA FEMALE PCB MOUNT SURFACE MOUNT
22-APR-13
logo
List of Unclassifed Man...
CONSMA001-SMD ETC2-CONSMA001-SMD Datasheet
225Kb / 1P
   SMA FEMALE PCB MOUNT,SURFACE MOUNT
logo
Linx Technologies
CONMCX001-SMD LINX-CONMCX001-SMD Datasheet
239Kb / 2P
   MCX FEMALE PCB MOUNT SURFACE MOUNT
26-JAN-20
logo
LUMEX INC.
SMF-H1352GD-TR LUMEX-SMF-H1352GD-TR Datasheet
116Kb / 2P
   PCB RIGHT ANGLE Surface Mount
logo
Amphenol Corporation
A-1JB AMPHENOL-A-1JB Datasheet
91Kb / 1P
   AMC PCB JACK SURFACE MOUNT
logo
LUMEX INC.
SMF-H1352YD-TR LUMEX-SMF-H1352YD-TR Datasheet
116Kb / 2P
   PCB RIGHT ANGLE Surface Mount
SMF-H1352SUGD-TR LUMEX-SMF-H1352SUGD-TR Datasheet
115Kb / 2P
   PCB RIGHT ANGLE Surface Mount
SMF-H1352SID-TR LUMEX-SMF-H1352SID-TR Datasheet
116Kb / 2P
   PCB RIGHT ANGLE Surface Mount
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com