Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38061E4DFP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M38061E4DFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38061E4DFP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button M38061E4DFP Datasheet HTML 4Page - Renesas Technology Corp M38061E4DFP Datasheet HTML 5Page - Renesas Technology Corp M38061E4DFP Datasheet HTML 6Page - Renesas Technology Corp M38061E4DFP Datasheet HTML 7Page - Renesas Technology Corp M38061E4DFP Datasheet HTML 8Page - Renesas Technology Corp M38061E4DFP Datasheet HTML 9Page - Renesas Technology Corp M38061E4DFP Datasheet HTML 10Page - Renesas Technology Corp M38061E4DFP Datasheet HTML 11Page - Renesas Technology Corp M38061E4DFP Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 67 page
background image
7
MITSUBISHI MICROCOMPUTERS
3820 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
GROUP EXPANSION
Mitsubishi plans to expand the 3820 group as follows:
(1) Support for mask ROM, One Time PROM, and EPROM
versions
(2) ROM/PROM size .......................................... 8 K to 32 K bytes
RAM size ..................................................... 512 to 1024 bytes
(3) Packages
80P6N-A ............................. 0.8 mm-pitch plastic molded QFP
80P6S-A ........................... 0.65 mm-pitch plastic molded QFP
80P6D-A ............................. 0.5 mm-pitch plastic molded QFP
80D0 ................ 0.8 mm-pitch ceramic LCC (EPROM version)
Memory Expansion Plan
M38207M8/E8
New product
M38203M4/E4
Mass product
ROM size (bytes)
32K
28K
24K
20K
16K
12K
8K
4K
192 256
384
512
640
768
896
1024
RAM size (bytes)
Currently supported products are listed below.
As of May 1996
RAM size (bytes)
512
1024
Remarks
Mask ROM version
One Time PROM version
One Time PROM version (blank)
Mask ROM version
One Time PROM version
One Time PROM version (blank)
Mask ROM version
One Time PROM version
One Time PROM version (blank)
EPROM version
Mask ROM version
One Time PROM version
One Time PROM version (blank)
Mask ROM version
One Time PROM version
One Time PROM version (blank)
Mask ROM version
One Time PROM version
One Time PROM version (blank)
EPROM version
Package
80P6N-A
80P6S-A
80P6D-A
80D0
80P6N-A
80P6S-A
80P6D-A
80D0
Product
M38203M4-XXXFP
M38203E4-XXXFP
M38203E4FP
M38203M4-XXXGP
M38203E4-XXXGP
M38203E4GP
M38203M4-XXXHP
M38203E4-XXXHP
M38203E4HP
M38203E4FS
M38207M8-XXXFP
M38207E8-XXXFP
M38207E8FP
M38207M8-XXXGP
M38207E8-XXXGP
M38207E8GP
M38207M8-XXXHP
M38207E8-XXXHP
M38207E8HP
M38207E8FS
16384
(16254)
(P) ROM size (bytes)
ROM size for User in (
)
32768
(32638)


Similar Part No. - M38061E4DFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38061E4DFP RENESAS-M38061E4DFP Datasheet
798Kb / 58P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38061E4DFP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com