Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT-120 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BT-120
Description  serial adapter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BT-120 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BT-120 Datasheet HTML 1Page - List of Unclassifed Manufacturers BT-120 Datasheet HTML 2Page - List of Unclassifed Manufacturers BT-120 Datasheet HTML 3Page - List of Unclassifed Manufacturers BT-120 Datasheet HTML 4Page - List of Unclassifed Manufacturers BT-120 Datasheet HTML 5Page - List of Unclassifed Manufacturers BT-120 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Amp’ed RF, Inc.
(phone) 408 213-9530
(fax) 408 213-9533
Product Specification
Description
The BT-120/121 is a serial adapter that provides fully
embedded, ready to use Bluetooth wireless technology. The
reprogrammable flash memory contains embedded firmware
for serial cable replacement using the Bluetooth SPP profile.
Other popular Bluetooth profiles, such as OBEX, are also
available.
Customized firmware for peripheral device interaction, power
optimization, security, and other proprietary features may be
supported and can be ordered pre-loaded and configured.
Additional Documentation
BT-21 Datasheet
abSerial User Guide
abSerial Reference Guide
Features
Bluetooth Radio
Fully embedded Bluetooth v2.0 Serial Profile
Class 2 radio
Complete RF ready module
Wireless data communications
Integrated chip antenna
128-bit encryption security
Range up to 30m LOS
FCC & Bluetooth qualified
ST Micro ARM microprocessor up to 50MHz
Memory
256K bytes flash memory
64K bytes RAM memory
Data Rate
2M bps maximum data rate
Multipoint capability
Serial Interface
UART, up to 921K baud
User Interface
AT command set
©2008 Amp’ed RF Inc
1722 Ringwood Ave, Suite 250, San Jose, CA 95131, USA
BT-120/121 Datasheet
www.ampedrf.com
Page 1 of 6


Similar Part No. - BT-120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BT-12 ETC2-BT-12 Datasheet
112Kb / 1P
   BEADED TIES
BT-12-01-NT ETC2-BT-12-01-NT Datasheet
112Kb / 1P
   BEADED TIES
logo
AVAGO TECHNOLOGIES LIMI...
BT-1212XX AVAGO-BT-1212XX Datasheet
103Kb / 1P
   10G EPON Symmetrical ONU Bi-direction OSA
More results

Similar Description - BT-120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SD200 ETC-SD200 Datasheet
536Kb / 2P
   Bluetooth-serial adapter
SD1100 ETC-SD1100 Datasheet
190Kb / 2P
   Bluetooth-serial adapter
ZS10 ETC-ZS10 Datasheet
443Kb / 2P
   Zigbe serial adapter
RN-WIFLY-SRL-UM ETC2-RN-WIFLY-SRL-UM Datasheet
902Kb / 14P
   WiFly Serial Adapter
logo
Tripp Lite. All Rights ...
B090-A9M TRIPPLITE-B090-A9M Datasheet
159Kb / 2P
   Modular Serial Adapter
logo
Advanced Micro Devices
AM7992B AMD-AM7992B Datasheet
224Kb / 27P
   Serial Interface Adapter (SIA)
logo
Hitachi Semiconductor
HD6852 HITACHI-HD6852 Datasheet
72Kb / 1P
   Synchronous Serial Data Adapter
logo
List of Unclassifed Man...
ZS10 ETC2-ZS10 Datasheet
354Kb / 2P
   ZigBee Serial Adapter, ProBee-ZS10
logo
Tripp Lite. All Rights ...
B090-A9F-X TRIPPLITE-B090-A9F-X Datasheet
159Kb / 2P
   Modular Serial Adapter Crossover Wiring
logo
Intersil Corporation
HD3-6408-9 INTERSIL-HD3-6408-9 Datasheet
232Kb / 12P
   CMOS Asynchronous Serial Manchester Adapter
October 1, 2015
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com