Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA1630D07T Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HA1630D07T
Description  Dual CMOS High Drive Operational Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA1630D07T Datasheet(HTML) 4 Page - Renesas Technology Corp

  HA1630D07T Datasheet HTML 1Page - Renesas Technology Corp HA1630D07T Datasheet HTML 2Page - Renesas Technology Corp HA1630D07T Datasheet HTML 3Page - Renesas Technology Corp HA1630D07T Datasheet HTML 4Page - Renesas Technology Corp HA1630D07T Datasheet HTML 5Page - Renesas Technology Corp HA1630D07T Datasheet HTML 6Page - Renesas Technology Corp HA1630D07T Datasheet HTML 7Page - Renesas Technology Corp HA1630D07T Datasheet HTML 8Page - Renesas Technology Corp HA1630D07T Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
HA1630D07
REJ03D0859-0200 Rev.2.00 Nov 30, 2007
Page 4 of 14
Table of Graphs
Electrical Characteristics
Characteristic
Curves
Test
Circuit No.
vs. Supply voltage
1
1
Supply current
IDD
vs. Temperature
2
1
Output high voltage
VOH
vs. Rload
3
2
Output low voltage
VOL
vs. Rload
4
3
vs. Output high voltage
5
4
Output source current
IOSOURCE
vs. Temperature
6
4
vs. Output low voltage
7
5
Output sink current
IOSINK
vs. Temperature
8
5
vs. Supply voltage
9
6
vs. Input voltage
10
6
Input offset voltage
VIO
vs. Temperature
11
7
vs. Supply voltage
12
8
Common mode input voltage range
VCM
vs. Temperature
13
8
Common mode rejection ratio
CMRR
vs. Input voltage
14
9
Power supply rejection ratio
PSRR
vs. Supply voltage
15
10
vs. Input voltage
16
11, 12
Input bias current
IIB
vs. Temperature
17
11, 12
vs. Cload
18
13
vs. Temperature
19
13
Slew rate (rising)
SRr
Time waveform
20
13
vs. Cload
21
13
vs. Temperature
22
13
Slew rate (falling)
SRf
Time waveform
23
13
vs. Rload
24
14
Open loop gain
AV
vs. Frequency
25, 26
14
Phase margin
PM
vs. Cload
27
14
Channel separation
CS
vs. Frequency
28
15
Noise input voltage
VNI
vs. Frequency
29
16


Similar Part No. - HA1630D07T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA1630D07 RENESAS-HA1630D07_15 Datasheet
258Kb / 17P
   Dual CMOS High Drive Operational Amplifier
More results

Similar Description - HA1630D07T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA1630D08 RENESAS-HA1630D08_15 Datasheet
275Kb / 17P
   Dual CMOS High Drive Operational Amplifier
HA1630D07 RENESAS-HA1630D07_15 Datasheet
258Kb / 17P
   Dual CMOS High Drive Operational Amplifier
HA1630D08 RENESAS-HA1630D08 Datasheet
252Kb / 15P
   Dual CMOS High Drive Operational Amplifier
HA1630S07 RENESAS-HA1630S07_15 Datasheet
316Kb / 16P
   Single CMOS High Drive Operational Amplifier
HA1630S08 RENESAS-HA1630S08_15 Datasheet
337Kb / 16P
   Single CMOS High Drive Operational Amplifier
HA1630S08 RENESAS-HA1630S08 Datasheet
286Kb / 15P
   Single CMOS High Drive Operational Amplifier
HA1630S07 RENESAS-HA1630S07 Datasheet
268Kb / 15P
   Single CMOS High Drive Operational Amplifier
logo
ELM Electronics
ELM854-SERIES ELM-ELM854-SERIES Datasheet
1Mb / 9P
   CMOS Dual operational amplifier
ELM854 ELM-ELM854 Datasheet
1Mb / 9P
   CMOS Dual operational amplifier
logo
Texas Instruments
LMC6032 TI1-LMC6032 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com