Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAT3006R Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HAT3006R
Description  Silicon N Channel / P Channel Power MOS FET High Speed Power Switching
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT3006R Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HAT3006R Datasheet HTML 3Page - Renesas Technology Corp HAT3006R Datasheet HTML 4Page - Renesas Technology Corp HAT3006R Datasheet HTML 5Page - Renesas Technology Corp HAT3006R Datasheet HTML 6Page - Renesas Technology Corp HAT3006R Datasheet HTML 7Page - Renesas Technology Corp HAT3006R Datasheet HTML 8Page - Renesas Technology Corp HAT3006R Datasheet HTML 9Page - Renesas Technology Corp HAT3006R Datasheet HTML 10Page - Renesas Technology Corp HAT3006R Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
HAT3006R
Rev.8.00 Sep 07, 2005 page 7 of 10
Forward Transfer Admittance vs.
Drain Current
Drain Current ID (A)
20
10
2
5
1
0.2
0.5
–0.2
–0.5
–1
–2
–5
–10 –20
Reverse Drain Current
IDR (A)
Body-Drain Diode Reverse
Recovery Time
–0.1 –0.2
–0.5
–1
–2
–5
–10
1000
500
200
50
100
20
10
0
–10
–20
–30
–40
–50
Drain to Source Voltage VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
10000
3000
1000
300
100
30
10
Ciss
Coss
Crss
VGS = 0
f = 1 MHz
0
0
Gate Charge
Qg (nc)
0
–20
–16
–12
–8
–4
–50
–40
–30
–20
–10
Dynamic Input Characteristics
816
24
32
40
VDS
VGS
ID = –4.5 A
500
200
100
20
50
10
5
–0.2
–0.5
–1
–2
–5
–10
–0.1
tf
tr
td(off)
td(on)
Drain Current
ID (A)
Switching Characteristics
–20
0
–4
–8
–12
–16
0
Source to Drain Voltage
VSD
(V)
Reverse Drain Current vs.
Source to Drain Voltage
–0.4
–0.8
–1.2
–1.6
–2.0
Pulse Test
0, 5 V
VGS = 5 V
Tc = –25°C
75°C
VDS = –10 V
Pulse Test
25°C
di / dt = 20 A /
µs
VGS = 0, Ta = 25°C
VDD = –5 V
–10 V
–25 V
VDD = –25 V
–10 V
–5 V
VGS = –4 V, VDD = –10 V
PW = 3
µs, duty ≤ 1 %


Similar Part No. - HAT3006R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT3006R RENESAS-HAT3006R_15 Datasheet
142Kb / 13P
   Silicon N Channel / P Channel Power MOS FET High Speed Power Switching
More results

Similar Description - HAT3006R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT3004R RENESAS-HAT3004R Datasheet
122Kb / 11P
   Silicon N Channel / P Channel Power MOS FET High Speed Power Switching
HAT3006R RENESAS-HAT3006R_15 Datasheet
142Kb / 13P
   Silicon N Channel / P Channel Power MOS FET High Speed Power Switching
HAT3004R RENESAS-HAT3004R_15 Datasheet
142Kb / 13P
   Silicon N Channel / P Channel Power MOS FET High Speed Power Switching
HAT3015R RENESAS-HAT3015R_15 Datasheet
82Kb / 6P
   Silicon N/P Channel Power MOS FET High Speed Power Switching
RJM0306JSP RENESAS-RJM0306JSP_10 Datasheet
127Kb / 12P
   Silicon N / P Channel Power MOS FET High Speed Power Switching
logo
Hitachi Semiconductor
HAT3008RJ HITACHI-HAT3008RJ Datasheet
81Kb / 15P
   Silicon N/P Channel Power MOS FET High Speed Power Switching
logo
Renesas Technology Corp
HAT3010R RENESAS-HAT3010R Datasheet
149Kb / 16P
   Silicon N/P Channel Power MOS FET High Speed Power Switching
HAT3015T RENESAS-HAT3015T Datasheet
88Kb / 4P
   Silicon N/P Channel Power MOS FET High Speed Power Switching
HAT3010R RENESAS-HAT3010R_15 Datasheet
136Kb / 12P
   Silicon N / P Channel Power MOS FET High Speed Power Switching
HAT3008R RENESAS-HAT3008R_15 Datasheet
278Kb / 14P
   Silicon N / P Channel Power MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com