Electronic Components Datasheet Search |
|
M38063FBH-XXXSS Datasheet(PDF) 9 Page - Renesas Technology Corp |
|
M38063FBH-XXXSS Datasheet(HTML) 9 Page - Renesas Technology Corp |
9 / 101 page Rev.3.01 2003.06.20 page 9 of 98 3850 Group (Spec.H/A) Currently planning products are listed below. RAM size (bytes) Remarks Package Table 3 Support products (spec. H) Product name 24576 (24446) ROM size (bytes) ROM size for User in ( ) M38503M2H-XXXSP M38503M2H-XXXFP M38503M4H-XXXSP M38503M4H-XXXFP M38504M6-XXXSP M38504E6-XXXSP M38504E6SP M38504E6SS M38504M6-XXXFP M38504E6-XXXFP M38504E6FP M38507M8-XXXSP M38507M8-XXXFP M38507F8SP M38507F8FP 42P4B 42P2R-A/E 42P4B 42P2R-A/E 424P4B 42S1B-A 42P2R-A/E 42P4B 42P2R-A/E 42P4B 42P2R-A/E Mask ROM version Mask ROM version Mask ROM version Mask ROM version Mask ROM version One Time PROM version One Time PROM version (blank) EPROM version Mask ROM version One Time PROM version One Time PROM version (blank) Mask ROM version Mask ROM version Flash memory version Flash memory version 8192 (8062) 512 16384 (16254) 640 512 Table 5 Differences among 3850 group (standard), 3850 group (spec. H), and 3850 group (spec. A) Serial I/O A-D converter Large current port Software pull-up resistor Maximum operating frequency 3850 group (standard) 1: Serial I/O (UART or Clock-synchronized) Unserviceable in low-speed mode Analog channel ............................. 5 5: P13–P17 Not available 8 MHz 3850 group (spec. H) 2: Serial I/O1 (UART or Clock-synchronized) Serial I/O2 (Clock-synchronized) Serviceable in low-speed mode Analog channel ................................ 5 8: P10–P17 Not available 8 MHz 32768 (32638) 1024 RAM size (bytes) Remarks Package Table 4 Support products (spec. A) Product name ROM size (bytes) ROM size for User in ( ) M38503M2A-XXXSP M38503M2A-XXXFP M38503M4A-XXXSP M38503M4A-XXXFP M38507F8SP M38507F8FP 42P4B 42P2R-A/E 42P4B 42P2R-A/E 42P4B 42P2R-A/E Mask ROM version Mask ROM version Mask ROM version Mask ROM version Flash memory version Flash memory version 8192 (8062) 512 16384 (16254) 512 32768 1024 3850 group (spec. A) 2: Serial I/O1 (UART or Clock-synchronized) Serial I/O2 (Clock-synchronized) Serviceable in low-speed mode Analog channel ................................ 9 8: P10–P17 Built-in (Port P0–P4) 12.5 MHz Notes on differences among 3850 group (standard), 3850 group (spec. H), and 3850 group (spec. A) (1) The absolute maximum ratings of 3850 group (spec. H/A) is smaller than that of 3850 group (standard). •Power source voltage Vcc = –0.3 to 6.5 V •CNVss input voltage VI = –0.3 to Vcc +0.3 V (2) The oscillation circuit constants of XIN-XOUT, XCIN-XCOUT may be some differences among 3850 group (standard), 3850 group (spec. H), and 3850 group (spec. A). (3) Do not write any data to the reserved area and the reserved bit. (Do not change the contents after reset.) (4) Fix bit 3 of the CPU mode register to “1”. (5) Be sure to perform the termination of unused pins. |
Similar Part No. - M38063FBH-XXXSS |
|
Similar Description - M38063FBH-XXXSS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |