Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA1630S07LP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HA1630S07LP
Description  Single CMOS High Drive Operational Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA1630S07LP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HA1630S07LP Datasheet HTML 6Page - Renesas Technology Corp HA1630S07LP Datasheet HTML 7Page - Renesas Technology Corp HA1630S07LP Datasheet HTML 8Page - Renesas Technology Corp HA1630S07LP Datasheet HTML 9Page - Renesas Technology Corp HA1630S07LP Datasheet HTML 10Page - Renesas Technology Corp HA1630S07LP Datasheet HTML 11Page - Renesas Technology Corp HA1630S07LP Datasheet HTML 12Page - Renesas Technology Corp HA1630S07LP Datasheet HTML 13Page - Renesas Technology Corp HA1630S07LP Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
HA1630D07
REJ03D0907-0100 Rev.1.00 Feb 22, 2008
Page 10 of 14
Characteristic Curves (cont.)
VDD = 3.0 V
Figure 13 HA1630S07
Common Mode Input Voltage vs. Ambient Temperature
–50
–250
255075
100
Ambient Temperature, Ta (
°C)
3.0
–1.0
1.0
0.0
2.0
3.0
1.0
0.0
2.0
VCM–
Common Mode
Input Voltage Range
VCM+
Figure 15 HA1630S07
Power Supply Rejection Ratio vs. Supply Voltage
23456
Supply Voltage, VDD (V)
Figure 18 HA1630S07
Slew Rate (rising) vs. Capacitive Load
0
100
200
300
400
Capacitive Load, CL (pF)
Figure 16 HA1630S07
Input Bias Current vs. Input Voltage
0123
Input Voltage, VIN (V)
100
–100
–50
0
50
100
–100
–50
0
50
120
100
80
60
40
20
0
Figure 14 HA1630S07
Common Mode Rejection Ratio vs. Input Voltage
–2
–1
0
1
Input Voltage, VIN (V)
VDD = 1.5 V, VSS = –1.5 V
Figure 17 HA1630S07
Input Bias Current vs. Ambient Temperature
–50
–25
0
25
50
75
100
Ambient Temperature, Ta (
°C)
VDD = 3.0 V
120
100
80
60
40
20
0
VDD = 3.0 V
VDD = 3.0 V


Similar Part No. - HA1630S07LP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA1630S07 RENESAS-HA1630S07_15 Datasheet
316Kb / 16P
   Single CMOS High Drive Operational Amplifier
More results

Similar Description - HA1630S07LP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA1630S07 RENESAS-HA1630S07_15 Datasheet
316Kb / 16P
   Single CMOS High Drive Operational Amplifier
HA1630S08 RENESAS-HA1630S08_15 Datasheet
337Kb / 16P
   Single CMOS High Drive Operational Amplifier
HA1630S08 RENESAS-HA1630S08 Datasheet
286Kb / 15P
   Single CMOS High Drive Operational Amplifier
HA1630D08 RENESAS-HA1630D08_15 Datasheet
275Kb / 17P
   Dual CMOS High Drive Operational Amplifier
HA1630D07 RENESAS-HA1630D07 Datasheet
235Kb / 15P
   Dual CMOS High Drive Operational Amplifier
HA1630D07 RENESAS-HA1630D07_15 Datasheet
258Kb / 17P
   Dual CMOS High Drive Operational Amplifier
HA1630D08 RENESAS-HA1630D08 Datasheet
252Kb / 15P
   Dual CMOS High Drive Operational Amplifier
logo
Mitsumi Electronics, Co...
MM3002 MITSUMI-MM3002 Datasheet
136Kb / 6P
   CMOS Operational Amplifier (Single)
logo
Renesas Technology Corp
HA1630S04 RENESAS-HA1630S04 Datasheet
525Kb / 25P
   CMOS Single Operational Amplifier
logo
National Semiconductor ...
LMC6041 NSC-LMC6041 Datasheet
381Kb / 12P
   CMOS Single Micropower Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com