Electronic Components Datasheet Search |
|
XC6122C521MR Datasheet(PDF) 3 Page - Torex Semiconductor |
|
XC6122C521MR Datasheet(HTML) 3 Page - Torex Semiconductor |
3 / 23 page 3/23 XC6121/XC6122/XC6123/XC6124 Series RESET OUTPUT EN/ENB PIN FUNCTION SERIES VDFL (RESETB) VDFH (RESET) HYSTERESIS (EN/ENB INPUT LOGIC*, PULL-UP OR DOWN RESISTOR) XC6121 N-channel open drain - EN with No Pull-Up Resistor XC6122 N-channel open drain - EN with Pull-Up Resistor XC6123 N-channel open drain - ENB with No Pull-Down Resistor XC6124 N-channel open drain - Available: VDFL x 5% (TYP.) ENB with Pull-Down Resistor * EN input logic: The watchdog function turns on when the EN pin becomes high level. * ENB input logic: The watchdog function turns on when the ENB pin becomes low level. DESIGNATOR DESCRIPTION SYMBOL DESCRIPTION A : 3.13ms (TYP.) C : 50ms (TYP.) D : 100ms (TYP.) E : 200ms (TYP.) ① Release Delay Time F : 400ms (TYP.) 2 : 50ms (TYP.) 3 : 100ms (TYP.) 4 : 200ms (TYP.) 5 : 400ms (TYP.) 7 : 800ms (TYP.) ② Watchdog Timeout Period 6 : 1.6s (TYP.) ③④ Detect Voltage 16 ~ 50 : Detect voltage ex.) 4.5V: ③⇒4, ④⇒5 M : SOT-25 ⑥ Packages E : USP-6C R : Embossed tape, standard feed ⑦ Device Orientation L : Embossed tape, reverse feed * Please set the release delay time shorter than or equal to the watchdog timeout period. ex.) XC6121D327MR or XC6121D627MR ■PRODUCT CLASSIFICATION ●Selection Guide ●Ordering Information XC6121①②③④⑤⑥: N-channel Open Drain Output (RESETB), EN Pin: No Pull-Up Resistor XC6122①②③④⑤⑥: N-channel Open Drain Output (RESETB), EN Pin: Pull-Up Resistor XC6123①②③④⑤⑥: N-channel Open Drain Output (RESETB), ENB Pin: No Pull-Down Resistor XC6124①②③④⑤⑥: N-channel Open Drain Output (RESETB), ENB Pin: Pull-Down Resistor |
Similar Part No. - XC6122C521MR |
|
Similar Description - XC6122C521MR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |