Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38B79ME Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M38B79ME
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38B79ME Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button M38B79ME Datasheet HTML 4Page - Renesas Technology Corp M38B79ME Datasheet HTML 5Page - Renesas Technology Corp M38B79ME Datasheet HTML 6Page - Renesas Technology Corp M38B79ME Datasheet HTML 7Page - Renesas Technology Corp M38B79ME Datasheet HTML 8Page - Renesas Technology Corp M38B79ME Datasheet HTML 9Page - Renesas Technology Corp M38B79ME Datasheet HTML 10Page - Renesas Technology Corp M38B79ME Datasheet HTML 11Page - Renesas Technology Corp M38B79ME Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 110 page
background image
38B7 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
7
GROUP EXPANSION
Mitsubishi plans to expand the 38B7 group as follows.
Memory Type
Support for Mask ROM and Flash memory versions.
Memory Size
Flash memory size ........................................................... 60K bytes
Mask ROM size ................................................................ 60K bytes
RAM size .........................................................................2048 bytes
Package
100P6S-A .................................. 0.65 mm-pitch plastic molded QFP
Fig. 4 Memory expansion plan
Currently supported products are listed below.
Table 3 List of supported products
Note : Products under development: the development schedule and specifications may be revised without notice.
As of Oct. 2001
Product
M38B79MFH-XXXXFP
M38B79FFFP
ROM size (bytes)
ROM size for User ( )
61440
(61310)
RAM size (bytes)
2048
Package
100P6S-A
Remarks
Mask ROM version
Flash memory version
60 K
56 K
52 K
48 K
44 K
36 K
32 K
28 K
24 K
20 K
16 K
12 K
8 K
4 K
40 K
ROM size (bytes)
256512768
1,024
1,536
2,048
RAM size (bytes)
Mass product
M38B79MFH
M38B79FF
Mass product


Similar Part No. - M38B79ME

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38B79MEH-AXXXFP RENESAS-M38B79MEH-AXXXFP Datasheet
4Mb / 415P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
More results

Similar Description - M38B79ME

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com