Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38064ECH-XXXSS Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # M38064ECH-XXXSS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38064ECH-XXXSS Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button M38064ECH-XXXSS Datasheet HTML 6Page - Renesas Technology Corp M38064ECH-XXXSS Datasheet HTML 7Page - Renesas Technology Corp M38064ECH-XXXSS Datasheet HTML 8Page - Renesas Technology Corp M38064ECH-XXXSS Datasheet HTML 9Page - Renesas Technology Corp M38064ECH-XXXSS Datasheet HTML 10Page - Renesas Technology Corp M38064ECH-XXXSS Datasheet HTML 11Page - Renesas Technology Corp M38064ECH-XXXSS Datasheet HTML 12Page - Renesas Technology Corp M38064ECH-XXXSS Datasheet HTML 13Page - Renesas Technology Corp M38064ECH-XXXSS Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 101 page
background image
Rev.3.01
2003.06.20
page 10 of 98
3850 Group (Spec.H/A)
FUNCTIONAL DESCRIPTION
CENTRAL PROCESSING UNIT (CPU)
The 3850 group (spec. H/A) uses the standard 740 Family instruc-
tion set. Refer to the table of 740 Family addressing modes and
machine instructions or the 740 Family Software Manual for de-
tails on the instruction set.
Machine-resident 740 Family instructions are as follows:
The FST and SLW instructions cannot be used.
The STP, WIT, MUL, and DIV instructions can be used.
[Accumulator (A)]
The accumulator is an 8-bit register. Data operations such as data
transfer, etc., are executed mainly through the accumulator.
[Index Register X (X)]
The index register X is an 8-bit register. In the index addressing
modes, the value of the OPERAND is added to the contents of
register X and specifies the real address.
[Index Register Y (Y)]
The index register Y is an 8-bit register. In partial instruction, the
value of the OPERAND is added to the contents of register Y and
specifies the real address.
[Stack Pointer (S)]
The stack pointer is an 8-bit register used during subroutine calls
and interrupts. This register indicates start address of stored area
(stack) for storing registers during subroutine calls and interrupts.
The low-order 8 bits of the stack address are determined by the
contents of the stack pointer. The high-order 8 bits of the stack ad-
dress are determined by the stack page selection bit. If the stack
page selection bit is “0” , the high-order 8 bits becomes “0016”. If
the stack page selection bit is “1”, the high-order 8 bits becomes
“0116”.
The operations of pushing register contents onto the stack and
popping them from the stack are shown in Figure 8.
Store registers other than those described in Figure 8 with pro-
gram when the user needs them during interrupts or subroutine
calls.
[Program Counter (PC)]
The program counter is a 16-bit counter consisting of two 8-bit
registers PCH and PCL. It is used to indicate the address of the
next instruction to be executed.
Fig. 7 740 Family CPU register structure
A
Accumulator
b7
b7
b7
b7
b0
b7
b15
b0
b7
b0
b0
b0
b0
X
Index register X
Y
Index register Y
S
Stack pointer
PCL
Program counter
PCH
N V T B D I Z C
Processor status register (PS)
Carry flag
Zero flag
Interrupt disable flag
Decimal mode flag
Break flag
Index X mode flag
Overflow flag
Negative flag


Similar Part No. - M38064ECH-XXXSS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38064EC-FP RENESAS-M38064EC-FP Datasheet
798Kb / 58P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38064EC-XXXFP RENESAS-M38064EC-XXXFP Datasheet
969Kb / 61P
   SINGLE-CHIP 8-BIT MICROCOMPUTER
M38064EC-XXXFP RENESAS-M38064EC-XXXFP Datasheet
1Mb / 80P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38064EC-XXXFS RENESAS-M38064EC-XXXFS Datasheet
969Kb / 61P
   SINGLE-CHIP 8-BIT MICROCOMPUTER
M38064ECDFP RENESAS-M38064ECDFP Datasheet
798Kb / 58P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38064ECH-XXXSS

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com