Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38065MEXXXFP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M38065MEXXXFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38065MEXXXFP Datasheet(HTML) 4 Page - Renesas Technology Corp

  M38065MEXXXFP Datasheet HTML 1Page - Renesas Technology Corp M38065MEXXXFP Datasheet HTML 2Page - Renesas Technology Corp M38065MEXXXFP Datasheet HTML 3Page - Renesas Technology Corp M38065MEXXXFP Datasheet HTML 4Page - Renesas Technology Corp M38065MEXXXFP Datasheet HTML 5Page - Renesas Technology Corp M38065MEXXXFP Datasheet HTML 6Page - Renesas Technology Corp M38065MEXXXFP Datasheet HTML 7Page - Renesas Technology Corp M38065MEXXXFP Datasheet HTML 8Page - Renesas Technology Corp M38065MEXXXFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
3
3850 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
VCC, VSS
PIN DESCRIPTION
Functions
Name
Pin
•Apply voltage of 2.7 V – 5.5 V to Vcc, and 0 V to Vss.
•This pin controls the operation mode of the chip.
•Normally connected to VSS.
•Reset input pin for active “L.”
•Input and output pins for the clock generating circuit.
•Connect a ceramic resonator or quartz-crystal oscillator between the XIN and XOUT pins to set
the oscillation frequency.
•When an external clock is used, connect the clock source to the XIN pin and leave the XOUT
pin open.
•8-bit CMOS I/O port.
•I/O direction register allows each pin to be individually programmed as either input or output.
•CMOS compatible input level.
•CMOS 3-state output structure.
•P13 to P17 (5 bits) are enabled to output large current for LED drive.
•8-bit CMOS I/O port.
Power source
Table 1 Pin description
Function except a port function
• Sub-clock generating circuit I/O
pins (connect a resonator)
Clock input
Clock output
I/O port P0
I/O port P1
I/O port P2
CNVSS input
CNVSS
RESET
Reset input
XIN
XOUT
P00–P07
P10–P17
P20/XCOUT
P21/XCIN
P22
P23
P24/RxD
P25/TxD
P26/SCLK
P27/CNTR0/
SRDY
P30/AN0
P34/AN4
I/O port P3
I/O port P4
•I/O direction register allows each pin to be individually
programmed as either input or output.
•CMOS compatible input level.
•P20, P21, P24 to P27: CMOS3-state output structure.
•P22, P23: N-channel open-drain structure.
• Serial I/O function pin
• Serial I/O function pin/
Timer X function pin
• A-D converter input pin
• Timer Y function pin
• Interrupt input pins
• Interrupt input pin
• PWM output pin
P40/CNTR1
P41/INT0
P43/INT2
P44/INT3/PWM
•8-bit CMOS I/O port with the same function as port P0.
•CMOS compatible input level.
•CMOS 3-state output structure.
•8-bit CMOS I/O port with the same function as port P0.
•CMOS compatible input level.
•CMOS 3-state output structure.


Similar Part No. - M38065MEXXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38065ME-FP RENESAS-M38065ME-FP Datasheet
798Kb / 58P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38065ME-XXXFP RENESAS-M38065ME-XXXFP Datasheet
969Kb / 61P
   SINGLE-CHIP 8-BIT MICROCOMPUTER
M38065ME-XXXFP RENESAS-M38065ME-XXXFP Datasheet
1Mb / 80P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38065ME-XXXFS RENESAS-M38065ME-XXXFS Datasheet
969Kb / 61P
   SINGLE-CHIP 8-BIT MICROCOMPUTER
M38065MEA-XXXSP RENESAS-M38065MEA-XXXSP Datasheet
1Mb / 101P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38065MEXXXFP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com