Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV0042 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STV0042
Description  SATELLITE SOUND AND VIDEO PROCESSORS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0042 Datasheet(HTML) 2 Page - STMicroelectronics

  STV0042 Datasheet HTML 1Page - STMicroelectronics STV0042 Datasheet HTML 2Page - STMicroelectronics STV0042 Datasheet HTML 3Page - STMicroelectronics STV0042 Datasheet HTML 4Page - STMicroelectronics STV0042 Datasheet HTML 5Page - STMicroelectronics STV0042 Datasheet HTML 6Page - STMicroelectronics STV0042 Datasheet HTML 7Page - STMicroelectronics STV0042 Datasheet HTML 8Page - STMicroelectronics STV0042 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
PIN ASSIGNMENT
Pin Number
Name
Function
1
FC R
Audio Roll-off Right
3
SUM OUT
Noise Reduction Summing Output
2
PK IN
Noise Reduction Peak Detector Input
4
VOL R
Volume Controlled Audio Out Right
5
S1 VID OUT
TV-Scart 1 Video Output
6
S2 VID OUT
VCR-Scart 2 Video Output
7
VOL L
Volume Controlled Audio Out Left
8
S2 VID RTN
VCR-Scart 2 Video Return
9
S2 OUT L
Fixed Level Audio Output Left
10
CLAMP IN
Sync-Tip Clamp Input
11
S2 OUT R
Fixed Level Audio Output Right
12
UNCL DEEM
Unclamped Deemphasized Video Output
13
VIDEEM2/22kHz
Video Deemphasis 2 or 22kHz Output
14
V 12V
Video 12V Supply
15
VIDEEM1
Video Deemphasis 1
16
V GND
Video Ground
17
B-BAND IN
Base Band Input
18
S2 RTN L
Auxiliary Audio Return Left
19
S2 RTN R
Auxiliary Audio Return Right
20
FM IN
FM Demodulator Input
21
AGC L
AGC Peak Detector Capacitor Left
22
SCL
I
2C Bus Clock
23
SDA
I
2C Bus Data
24
XTL
4/8MHz Quartz Crystal or Clock Input
25
VDD 5V
Digital 5V Power Supply
26
GND 5V
Digital Power Ground
27
CPUMP L
FM PLL Charge Pump Capacitor Left
28
DET L
FM PLL Filter Left
29
U75 L
Deemphasis Time Constant Left
30
AMPLK L
Amplitude Detector Capacitor Left
31
AGC R
AGC Peak Detector Capacitor Right
32
A GND L
Audio Ground
33
VREF
2.4V Reference
34
A 12V
Audio 12V Supply
35
AMPLK R
Amplitude Detector Capacitor Left
36
DET R
FM PLL Filter Right
37
U75 R
Deemphasis Time Constant Right
38
CPUMP R
FM PLL Charge Pump Capacitor Right
39
IREF
Current Reference Resistor
40
PK OUT
Noise Reduction Peak Detector Output
41
FC L
Audio Roll-off Left
42
A GND R
Audio Ground
STV0042A
2/24


Similar Part No. - STV0042

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV0056 STMICROELECTRONICS-STV0056 Datasheet
248Kb / 26P
   SATELLITE SOUND AND VIDEO PROCESSORS
STV0056 STMICROELECTRONICS-STV0056 Datasheet
223Kb / 27P
   SATELLITE SOUND AND VIDEO PROCESSOR
STV0056A STMICROELECTRONICS-STV0056A Datasheet
248Kb / 26P
   SATELLITE SOUND AND VIDEO PROCESSORS
STV0056AF STMICROELECTRONICS-STV0056AF Datasheet
223Kb / 27P
   SATELLITE SOUND AND VIDEO PROCESSOR
More results

Similar Description - STV0042

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV0056A STMICROELECTRONICS-STV0056A Datasheet
248Kb / 26P
   SATELLITE SOUND AND VIDEO PROCESSORS
STV0056AF STMICROELECTRONICS-STV0056AF Datasheet
223Kb / 27P
   SATELLITE SOUND AND VIDEO PROCESSOR
TDA8222 STMICROELECTRONICS-TDA8222 Datasheet
159Kb / 9P
   VIDEO & SOUND IF SYSTEM WITH VIDEO AND SOUND SWITCHES
October 1993
logo
Rohm
BD3813KS ROHM-BD3813KS_1 Datasheet
439Kb / 18P
   5.1ch Sound Processors
logo
List of Unclassifed Man...
MSP3405D ETC-MSP3405D Datasheet
472Kb / 71P
   Multistandard Sound Processors
logo
Micronas
MSP3400D MICRONAS-MSP3400D Datasheet
1Mb / 83P
   Multistandard Sound Processors
logo
Siemens Semiconductor G...
TDA6151-5 SIEMENS-TDA6151-5 Datasheet
678Kb / 15P
   Satellite-Video IC
logo
Sanyo Semicon Device
TSB6326C SANYO-TSB6326C Datasheet
275Kb / 1P
   IF Filter for Video and Sound
logo
Texas Instruments
TMS320DM8127 TI1-TMS320DM8127 Datasheet
2Mb / 365P
[Old version datasheet]   DaVinci Video Processors
9900 TI-9900 Datasheet
5Mb / 104P
[Old version datasheet]   Video Display Processors
NOVEMBER 1982
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com