Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38869MA-XXXHP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # M38869MA-XXXHP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38869MA-XXXHP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button M38869MA-XXXHP Datasheet HTML 2Page - Renesas Technology Corp M38869MA-XXXHP Datasheet HTML 3Page - Renesas Technology Corp M38869MA-XXXHP Datasheet HTML 4Page - Renesas Technology Corp M38869MA-XXXHP Datasheet HTML 5Page - Renesas Technology Corp M38869MA-XXXHP Datasheet HTML 6Page - Renesas Technology Corp M38869MA-XXXHP Datasheet HTML 7Page - Renesas Technology Corp M38869MA-XXXHP Datasheet HTML 8Page - Renesas Technology Corp M38869MA-XXXHP Datasheet HTML 9Page - Renesas Technology Corp M38869MA-XXXHP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 111 page
background image
5
3886 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
VCC, VSS
PIN DESCRIPTION
Functions
Name
Pin
•Apply voltage of 2.7 V – 5.5 V to Vcc, and 0 V to Vss.
•In the flash memory version, apply voltage of 4.0 V – 5.5 V to Vcc, and 0 V to Vss
•This pin controls the operation mode of the chip.
•Normally connected to VSS.
•If this pin is connected to Vcc, the internal ROM is inhibited and an external memory is accessed.
•In the flash memory version, connected to VSS.
•In the EPROM version or the flash memory version, this pin functions as the VPP power source input pin.
•Reference voltage input pin for A-D and D-A converters.
•Analog power source input pin for A-D and D-A converters.
•Connect to VSS.
•Reset input pin for active “L”.
•Input and output pins for the clock generating circuit.
•Connect a ceramic resonator or quartz-crystal oscillator between the XIN and XOUT pins to set
the oscillation frequency.
•When an external clock is used, connect the clock source to the XIN pin and leave the XOUT
pin open.
•8-bit CMOS I/O port.
•I/O direction register allows each pin to be individually
programmed as either input or output.
•When the external memory is used, these pins are used as the address bus.
•CMOS compatible input level.
•CMOS 3-state output structure or N-channel open-drain output structure.
•8-bit CMOS I/O port.
•I/O direction register allows each pin to be individually programmed as either input or output.
•When the external memory is used, these pins are used as the address bus.
•CMOS compatible input level.
•CMOS 3-state output structure or N-channel open-drain output structure.
•8-bit CMOS I/O port.
•I/O direction register allows each pin to be individually programmed as either input or output.
•When the external memory is used, these pins are used as the data bus.
•CMOS compatible input level.
•CMOS 3-state output structure.
•P24 to P27 (4 bits) are enabled to output large current for LED drive (only in single-chip mode).
•8-bit CMOS I/O port.
•I/O direction register allows each pin to be individually
programmed as either input or output.
•When the external memory is used, these pins are
used as the control bus.
•CMOS compatible input level.
•CMOS 3-state output structure.
•These pins function as key-on wake-up and compara-
tor input.
•These pins are enabled to control pull-up.
Power source
Table 1 Pin description (1)
Function except a port function
•Comparator reference power source
input pin
•Key-on wake-up input pin
•Comparator input pin
•PWM output pin
•Key-on wake-up input pin
•Comparator input pin
Reference voltage
Analog power source
Clock input
Clock output
I/O port P0
I/O port P1
I/O port P2
VREF
AVSS
P30/PWM00
P31/PWM10
CNVSS input
CNVSS
RESET
Reset input
XIN
XOUT
P00/P3REF
P01–P07
P10–P17
P20–P27
I/O port P3
P32–P37


Similar Part No. - M38869MA-XXXHP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M38869M8A-012HP MITSUBISHI-M38869M8A-012HP Datasheet
1Mb / 110P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER???
M38869M8A-XXXGP MITSUBISHI-M38869M8A-XXXGP Datasheet
1Mb / 110P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38869M8A-XXXHP MITSUBISHI-M38869M8A-XXXHP Datasheet
1Mb / 110P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38869MCA-XXXGP MITSUBISHI-M38869MCA-XXXGP Datasheet
1Mb / 110P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38869MCA-XXXHP MITSUBISHI-M38869MCA-XXXHP Datasheet
1Mb / 110P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38869MA-XXXHP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com