Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVL148 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HVL148
Description  Silicon Epitaxial Trench Pin Diode for Antenna Switching
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVL148 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HVL148 Datasheet HTML 1Page - Renesas Technology Corp HVL148 Datasheet HTML 2Page - Renesas Technology Corp HVL148 Datasheet HTML 3Page - Renesas Technology Corp HVL148 Datasheet HTML 4Page - Renesas Technology Corp HVL148 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HVL148
Rev.1.00, Apr.05.2004, page 2 of 4
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Value
Unit
Reverse voltage
VR
30
V
Forward current
IF
100
mA
Power dissipation
Pd
100
mW
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse current
IR
100
nA
VR = 30 V
Forward voltage
VF
1.0
V
IF = 10 mA
Capacitance
C
0.37
pF
VR = 1 V, f = 1 MHz
Forward resistance
rf
2.5
IF = 10 mA, f = 100 MHz
Notes
: 1. Please do not use the soldering iron due to avoid high stress to the EFP package.
2. The material of lead is exposed for cutting plane. There for, soldering nature of lead tip part is considered as
unquestioned. Please kindly consider soldering nature.


Similar Part No. - HVL148

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HVL142A RENESAS-HVL142A Datasheet
171Kb / 8P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
Jan 13, 2006
HVL142AM RENESAS-HVL142AM Datasheet
58Kb / 6P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
HVL144A RENESAS-HVL144A Datasheet
67Kb / 6P
   Silicon Epitaxial Trench Pin Diode for Antenna Switching
HVL144AM RENESAS-HVL144AM Datasheet
163Kb / 6P
   Silicon Epitaxial Trench Pin Diode for Antenna Switching
HVL145 RENESAS-HVL145 Datasheet
78Kb / 6P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
More results

Similar Description - HVL148

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HVD148 RENESAS-HVD148 Datasheet
50Kb / 5P
   Silicon Epitaxial Trench Pin Diode for Antenna Switching
HVD144A RENESAS-HVD144A Datasheet
79Kb / 6P
   Silicon Epitaxial Trench Pin Diode for Antenna Switching
HVL147 RENESAS-HVL147 Datasheet
82Kb / 5P
   Silicon Epitaxial Trench Pin Diode for Antenna Switching
logo
Hitachi Semiconductor
HVC136 HITACHI-HVC136 Datasheet
25Kb / 6P
   Silicon Epitaxial Trench Pin Diode for Antenna Switching
logo
Renesas Technology Corp
HVL144A RENESAS-HVL144A Datasheet
67Kb / 6P
   Silicon Epitaxial Trench Pin Diode for Antenna Switching
HVL147 RENESAS-HVL147_06 Datasheet
56Kb / 5P
   Silicon Epitaxial Trench Pin Diode for Antenna Switching
HVD147 RENESAS-HVD147 Datasheet
82Kb / 5P
   Silicon Epitaxial Trench Pin Diode for Antenna Switching
HVL147M RENESAS-HVL147M Datasheet
161Kb / 5P
   Silicon Epitaxial Trench Pin Diode for Antenna Switching
logo
Hitachi Semiconductor
HVC135 HITACHI-HVC135 Datasheet
25Kb / 6P
   Silicon Epitaxial Trench Pin Diode for Antenna Switching
logo
Renesas Technology Corp
HVD135 RENESAS-HVD135 Datasheet
80Kb / 8P
   Silicon Epitaxial Trench Pin Diode for Antenna Switching
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com