Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37905F8CSP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M37905F8CSP
Description  16-BIT CMOS MICROCOMPUTER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37905F8CSP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button M37905F8CSP Datasheet HTML 4Page - Renesas Technology Corp M37905F8CSP Datasheet HTML 5Page - Renesas Technology Corp M37905F8CSP Datasheet HTML 6Page - Renesas Technology Corp M37905F8CSP Datasheet HTML 7Page - Renesas Technology Corp M37905F8CSP Datasheet HTML 8Page - Renesas Technology Corp M37905F8CSP Datasheet HTML 9Page - Renesas Technology Corp M37905F8CSP Datasheet HTML 10Page - Renesas Technology Corp M37905F8CSP Datasheet HTML 11Page - Renesas Technology Corp M37905F8CSP Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
7
M37905F8CFP, M37905F8CSP
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Som
e param
etric
lim
its are
subject
to change.
16-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
PIN DESCRIPTION (MICROCOMPUTER MODE)
Vcc, Vss
MD0
MD1
RESET
XIN
XOUT
VCONT
AVcc,
AVss
VREF
P10–P17
P20–P27
P40–P47
P51–P53,
P55–P57
P60–P67
P70–P77
P80–P83
P4OUTCUT
P6OUTCUT
Power supply input
MD0
MD1
Reset input
Clock input
Clock output
Filter circuit connection
Analog power supply input
Reference voltage input
I/O port P1
I/O port P2
I/O port P4
I/O port P5
I/O port P6
I/O port P7
I/O port P8
P4OUTCUT input
P6OUTCUT input
Input
Input
Input
Input
Output
Input
I/O
I/O
I/O
I/O
I/O
I/O
I/O
Input
Input
Apply 5 V±0.5 V to Vcc, and 0 V to Vss.
Connect this pin to VSS.
Connect this pin to Vss.
The microcomputer is reset when “L” level is applies to this pin.
These are input and output pins of the internal clock generating circuit. Connect a
ceramic resonator or quartz-crystal oscillator between pins XIN and XOUT. When an
external clock is used, the clock source should be connected to pin XIN, and pin
XOUT should be left open.
When using the PLL frequency multiplier, connect this pin to the filter circuit. When
not using the PLL frequency multiplier, this pin should be left open.
Power supply input pins for the A-D and D-A converters. Connect AVcc to Vcc, and
AVss to Vss externally.
This is the reference voltage input pin for the A-D and D-A converters.
Port P1 is an 8-bit I/O port. This port has an I/O direction register, and each pin can
be programmed for input or output. These pins enter the input mode ar reset. These
pins also function as I/O pins of UART0, 1.
In addition to having the same functions as port P1, these pins function as I/O pins
for timers A4 and A9. Also, they can be programmed to function as input pins for tim-
ers B0 to B2.
In addition to having the same functions as port P1, these pins function as I/O pins
for timers A5 to A8. Also, they function as output pins for motor drive waveform.
In addition to having the same functions as port P1, these pins function as input pins
for INT1 to INT3 and INT5 to INT7. Also, pins P55 to P57 function as input pins for tim-
ers B0 to B2 and as input pins for position data in the three-phase waveform mode;
and pins P52 and P53 function as trigger-input pins in the pulse output port mode.
In addition to having the same functions as port P1, these pins function as I/O pins
for timers A0 to A3. Also, they function as motor drive waveform output pins.
In addition to having the same functions as port P1, these pins function as input pins
for the A-D converter. Also, P77 functions as an output pin for the D-A converter.
In addition to having the same functions as port P1, these pins function as input pins
for the A-D converter. Also, these pins function as I/O pins for UART2, and pin P80
functions as an output pin for the D-A converter.
This pin has the function to forcibly place port P4 pins in the input mode. Also, this
pin functions as an input pin for INT0; and this pin is used to input a signal, which
forcibly cuts off a motor drive waveform output.
This pin has the function to forcibly place port P6 pins in the input mode. Also, this
pin functions as an input pin for INT4; and this pin is used to input a signal, which
forcibly cuts off a motor drive waveform output.
Functions
Input/
Output
Name
Pin


Similar Part No. - M37905F8CSP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37905F8CSP MITSUBISHI-M37905F8CSP Datasheet
362Kb / 34P
   16-BIT CMOS MICROCOMPUTER
More results

Similar Description - M37905F8CSP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37920S4CGP MITSUBISHI-M37920S4CGP Datasheet
438Kb / 39P
   16 BIT CMOS MICROCOMPUTER
M37735S4BFP MITSUBISHI-M37735S4BFP Datasheet
935Kb / 36P
   16-BIT CMOS MICROCOMPUTER
M37733S4BFP MITSUBISHI-M37733S4BFP Datasheet
919Kb / 36P
   16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M37906F8CFP RENESAS-M37906F8CFP Datasheet
448Kb / 35P
   16-BIT CMOS MICROCOMPUTER
M37733S4LHP RENESAS-M37733S4LHP Datasheet
828Kb / 37P
   16-BIT CMOS MICROCOMPUTER
M37733S4BFP RENESAS-M37733S4BFP Datasheet
839Kb / 37P
   16-BIT CMOS MICROCOMPUTER
M37735S4BFP RENESAS-M37735S4BFP Datasheet
855Kb / 37P
   16-BIT CMOS MICROCOMPUTER
logo
Mitsubishi Electric Sem...
M37906F8CFP MITSUBISHI-M37906F8CFP Datasheet
276Kb / 34P
   16-BIT CMOS MICROCOMPUTER
M37905F8CFP MITSUBISHI-M37905F8CFP Datasheet
362Kb / 34P
   16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M37903S4CHP RENESAS-M37903S4CHP Datasheet
192Kb / 11P
   16-BIT CMOS MICROCOMPUTER
M37905M4C-XXXFP RENESAS-M37905M4C-XXXFP Datasheet
1Mb / 103P
   16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com