Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3287 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SK3287
Description  Silicon N Channel MOS FET High Speed Switching
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3287 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 2SK3287 Datasheet HTML 2Page - Renesas Technology Corp 2SK3287 Datasheet HTML 3Page - Renesas Technology Corp 2SK3287 Datasheet HTML 4Page - Renesas Technology Corp 2SK3287 Datasheet HTML 5Page - Renesas Technology Corp 2SK3287 Datasheet HTML 6Page - Renesas Technology Corp 2SK3287 Datasheet HTML 7Page - Renesas Technology Corp 2SK3287 Datasheet HTML 8Page - Renesas Technology Corp 2SK3287 Datasheet HTML 9Page - Renesas Technology Corp 2SK3287 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2SK3287
4
1.0
0.8
0.6
0.4
0.2
0
24
6
810
5
4
3
2
1
–40
0
40
80
120
160
0
I
= 300mA
D
150m A
Pulse Test
Pulse Test
I
= 150m A
D
V
= 4 V
GS
10 V
0.1
0.2
0.5
1.0
Gate to Source Voltage
V
(V)
GS
Drain to Source Saturation Voltage
vs. Gate to Source Voltage
0.1
0.5
0.2
50
20
10
2
5
1.0
0.5
1.0
V
= 4V
GS
10 V
Pulse Test
Drain Current
I
(A)
D
Static Drain to Source on State
Resistance vs. Drain Current
Case Temperature
Tc
(
°C)
Static Drain to Source on State
Resistance vs. Temperature
Drain Current I
(A)
D
Forwaed Transfer Admittance
vs. Drain Current
50m A
50mA
50mA,150mA, 300m A
5
2
1.0
0.2
0.5
0.1
0.05
V
= 10 V
Pulse Test
DS
Tc = –25
°C
25
°C
75
°C


Similar Part No. - 2SK3287

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK3287 HITACHI-2SK3287 Datasheet
40Kb / 8P
   Silicon N Channel MOS FET High Speed Switching
More results

Similar Description - 2SK3287

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK3288 HITACHI-2SK3288 Datasheet
39Kb / 8P
   Silicon N Channel MOS FET High Speed Switching
2SK3380 HITACHI-2SK3380 Datasheet
26Kb / 5P
   Silicon N Channel MOS FET High Speed Switching
logo
Sanyo Semicon Device
FW306 SANYO-FW306 Datasheet
17Kb / 2P
   N- Channel Silicon MOS FET High Speed Switching
logo
Hitachi Semiconductor
2SK3289 HITACHI-2SK3289 Datasheet
27Kb / 5P
   Silicon N Channel MOS FET High Speed Switching
2SK3348 HITACHI-2SK3348 Datasheet
40Kb / 8P
   Silicon N Channel MOS FET High Speed Switching
logo
Renesas Technology Corp
2SK3289 RENESAS-2SK3289 Datasheet
44Kb / 7P
   Silicon N Channel MOS FET High Speed Switching
2SK3378 RENESAS-2SK3378 Datasheet
140Kb / 7P
   Silicon N Channel MOS FET High Speed Switching
2SK3348 RENESAS-2SK3348 Datasheet
157Kb / 10P
   Silicon N Channel MOS FET High Speed Switching
2SK3349 RENESAS-2SK3349 Datasheet
97Kb / 12P
   Silicon N Channel MOS FET High Speed Switching
June 1999
logo
Hitachi Semiconductor
2SK3287 HITACHI-2SK3287 Datasheet
40Kb / 8P
   Silicon N Channel MOS FET High Speed Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com