Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV0299B Datasheet(PDF) 6 Page - STMicroelectronics

Part # STV0299B
Description  QPSK/BPSK LINK IC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0299B Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STV0299B Datasheet HTML 2Page - STMicroelectronics STV0299B Datasheet HTML 3Page - STMicroelectronics STV0299B Datasheet HTML 4Page - STMicroelectronics STV0299B Datasheet HTML 5Page - STMicroelectronics STV0299B Datasheet HTML 6Page - STMicroelectronics STV0299B Datasheet HTML 7Page - STMicroelectronics STV0299B Datasheet HTML 8Page - STMicroelectronics STV0299B Datasheet HTML 9Page - STMicroelectronics STV0299B Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
STV0299B
6/36
2
BLOCK DIAGRAM
3
SYSTEM CHARACTERISTICS
Performances
The following given parameters are for indication
purposes only.
Carrier Loop Tracking Range:
• ±fM_CLK/2
Carrier Loop Capture Range (C/N>=4 dB):
• up to ± 5% fs in less than 100 Ksymbols
• up to ± 2% fs in less than 10 Ksymbols
C/N Threshold (lowest C/N at which capture is
possible) = 1 dB.
Timing Loop Capture Range (C/N>=2 dB):
• up to ±250 ppm in less than 100 Ksymbols
• conventions used for the above characteristics
are:
fsampling = fm_clk = fmaster_clock
fs = fsymbol
C/N = Carrier/Noise =
PR = Puncture Rate
Carrier Lock
Indicator
AGC1
Offset
Comp.
ADCs
AGC2
Derotator
Error
Monitoring
Viterbi Decoder
Deinterleaver
Reed-Solomon
Decoder
Energy
Descrambler
General
Purpose
Functions
22 kHz
Tone
DiSEqC
Interface
Clock
Generator
I2C
Interface
Nyquist &
Interpolation
Filter
Timing
Recovery
Timing
DCO
Timing
Lock
Indicator
C/N
Indicator
SDAT
SCLT
DAC IP0 OP0[2:0]
D[7:0] VDD_3.3V VDD
VSS
D/P
ERROR
STR_OUT
CLK_OUT
CLK_IN/XTAL_IN
AUX_CLK
XTAL_OUT
F22/DiSEqC
SCL
SDA
AGC
VDDA
VTOP
IN/IP
QN/QP
VBOT
VSSA
Eb
No
--------x2 xPR


Similar Part No. - STV0299B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV0297E STMICROELECTRONICS-STV0297E Datasheet
81Kb / 5P
   QAM demodulator IC with A/D converter
STV0297J STMICROELECTRONICS-STV0297J Datasheet
38Kb / 2P
   Universal digital cable demodulator
STV0297J-TMM STMICROELECTRONICS-STV0297J-TMM Datasheet
38Kb / 2P
   Universal digital cable demodulator
STV0297JT STMICROELECTRONICS-STV0297JT Datasheet
38Kb / 2P
   Universal digital cable demodulator
More results

Similar Description - STV0299B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV0196B STMICROELECTRONICS-STV0196B Datasheet
236Kb / 23P
   QPSK/BPSK DEMODULATOR AND FEC IC
logo
Motorola, Inc
MC92303 MOTOROLA-MC92303 Datasheet
33Kb / 3P
   QPSK/BPSK DIGITAL DEMODULATOR
logo
Synaptics Incorporated.
CX24130 CONEXANT-CX24130 Datasheet
209Kb / 2P
   Dual Stream QPSK/BPSK Demodulator lC
logo
Mitel Networks Corporat...
SL1925 MITEL-SL1925 Datasheet
524Kb / 20P
   Satellite Zero IF QPSK Tuner IC
logo
STMicroelectronics
STB6100 STMICROELECTRONICS-STB6100 Datasheet
87Kb / 2P
   8PSK/QPSK direct conversion tuner IC
STB6100 STMICROELECTRONICS-STB6100_09 Datasheet
57Kb / 5P
   8PSK/QPSK direct conversion tuner IC
logo
SYNERGY MICROWAVE CORPO...
SBM-C4 SYNERGY-SBM-C4 Datasheet
267Kb / 3P
   BPSK MODULATORS
logo
Sony Corporation
CXD1961AQ SONY-CXD1961AQ Datasheet
294Kb / 33P
   DVB-S Frontend IC (QPSK demodulation FEC)
logo
STMicroelectronics
STB6000 STMICROELECTRONICS-STB6000 Datasheet
48Kb / 2P
   QPSK DVB/DIRECTVTM direct conversion tuner IC
logo
Sony Corporation
CXD1961Q SONY-CXD1961Q Datasheet
217Kb / 15P
   DVB-S Front-end IC (QPSK demodulator FEC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com