Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62501P Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # M62501P
Description  PWM IC for the Synchronized Deflection System Control
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62501P Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button M62501P Datasheet HTML 3Page - Renesas Technology Corp M62501P Datasheet HTML 4Page - Renesas Technology Corp M62501P Datasheet HTML 5Page - Renesas Technology Corp M62501P Datasheet HTML 6Page - Renesas Technology Corp M62501P Datasheet HTML 7Page - Renesas Technology Corp M62501P Datasheet HTML 8Page - Renesas Technology Corp M62501P Datasheet HTML 9Page - Renesas Technology Corp M62501P Datasheet HTML 10Page - Renesas Technology Corp M62501P Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
M62501P/FP
Rev.2.00 Jun 14, 2006 page 10 of 10
Package Dimensions
INCLUDE TRIM OFFSET.
DIMENSION "*3" DOES NOT
NOTE)
DO NOT INCLUDE MOLD FLASH.
DIMENSIONS "*1" AND "*2"
1.
2.
*3
*3
*2
16
9
8
1
SEATING PLANE
D
e
b2
bp
b3
2.79
2.29
4.5
A1
b3
15°
e2.54
c
L3.0
0.51
1.4
1.5
1.8
A
E
6.15
6.3
6.45
D
18.8
19.0
19.2
Reference
Symbol
Dimension in Millimeters
Min
Nom
Max
0.22
0.27
0.34
P-DIP16-6.3x19-2.54
1.0g
MASS[Typ.]
16P4
PRDP0016AA-A
RENESAS Code
JEITA Package Code
Previous Code
bp
0.4
0.5
0.6
e1
7.62
7.32
7.92
b2
0.9
1.0
1.3
A2
3.3
Detail F
A1
A2
F
*3
*2
16
9
8
1
y
Index mark
c
D
bp
e
INCLUDE TRIM OFFSET.
DIMENSION "*3" DOES NOT
NOTE)
DO NOT INCLUDE MOLD FLASH.
DIMENSIONS "*1" AND "*2"
1.
2.
1.47
1.07
Previous Code
JEITA Package Code
RENESAS Code
PRSP0016DA-A
16P2S-A
MASS[Typ.]
0.15g
P-SOP16-4.4x10-1.27
0.2
0.15
0.13
0.5
0.4
0.35
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
10.2
10.0
9.8
D
4.6
4.4
4.2
E
1.5
A2
6.5
6.2
5.9
1.9
A
0.05
0.6
0.4
0.2
L
10°
c
1.27
e
0.1
y
HE
A1
bp


Similar Part No. - M62501P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62501P MITSUBISHI-M62501P Datasheet
96Kb / 9P
   PWM IC for the synchronized deflection system control
More results

Similar Description - M62501P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62501P MITSUBISHI-M62501P Datasheet
96Kb / 9P
   PWM IC for the synchronized deflection system control
M62502FP MITSUBISHI-M62502FP Datasheet
83Kb / 7P
   PWM IC for the synchronized deflection system control
logo
Renesas Technology Corp
M62500P RENESAS-M62500P Datasheet
3Mb / 12P
   SYNCHRONIZATION DEFLECTION SYSTEM CONTROL PWM IC
logo
Mitsubishi Electric Sem...
M62500P MITSUBISHI-M62500P Datasheet
113Kb / 11P
   SYNCHRONIZATION DEFLECTION SYSTEM CONTROL PWM IC
logo
Mitsumi Electronics, Co...
MM3663 MITSUMI-MM3663 Datasheet
162Kb / 23P
   The PWM control IC for AC-DC converter
logo
Rohm
BM1P068FJ ROHM-BM1P068FJ Datasheet
1Mb / 30P
   PWM Control IC
BM1P107FJ ROHM-BM1P107FJ Datasheet
1Mb / 30P
   PWM Control IC
BM1P067FJ ROHM-BM1P067FJ Datasheet
1Mb / 30P
   PWM Control IC
BM1P065FJ ROHM-BM1P065FJ Datasheet
1Mb / 31P
   PWM Control IC
BM1P066FJ ROHM-BM1P066FJ Datasheet
1Mb / 31P
   PWM Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com